Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ2GEYOC Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERJ2GEYOC
Description  Thick Film Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ2GEYOC Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERJ2GEYOC Datasheet HTML 1Page - Panasonic Semiconductor ERJ2GEYOC Datasheet HTML 2Page - Panasonic Semiconductor ERJ2GEYOC Datasheet HTML 3Page - Panasonic Semiconductor ERJ2GEYOC Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
E
1
R
2
J
3
3
4
G
5
E
6
Y
7
J
8
1
9
0
10
2
11
V
12
Thick Film
Chip Resistors
Product Code
Size, Power Rating
1GE : 0201
2GE : 0402
3GE : 0603
6GE : 0805
8GE : 1206
14 : 1210
12 : 1812
12Z : 2010
1T : 2512
0.05 W
0.063 W
0.1 W
0.125 W
0.25 W
0.25 W
0.5 W
0.5 W
1W
Power R.
Marking
Code
Y
]Nil
Marking
Value Marking on
black side
No marking
Resistance Tolerance
Code
J
0
Tolerance
± 5%
Jumper
The first two digits are significant figures of resistance and
the third one denotes number of zeros following. Decimal
Point is expressed by R as 4.7 = 4R7.
Jumper is expressed by R00.
Resistance Value
Type : inches
Thick Film Chip Resistors
Thick Film Chip Resistors
0201, 0402, 0603, 0805, 1206,
1210, 1812, 2010, 2512
Type:
ERJ 1G, 2G, 3G, 6G, 8G, 14,
12, 12Z, 1T
n Features
l Small size and lightweight
l High reliability
Approved under the QS-9000 system
l Reference Standards
IEC 60115-8, JIS C 5201-8, EIAJ RC-2134A
n Explanation of Part Numbers
Metal glaze thick film resistive element and three layers of electrodes
(Only 14, 12, 12Z, 1T type)
Punched (Paper) Taping
Embossed Taping
Packaging
(Only 3G, 6G, 8G type)
Code
V
U
(Only 2G, 3G, 6G type)
X
B
Bulk case
Punched (Paper) Taping
2 mm pitch, 10000 pcs.
Punched (Paper) Taping
2 mm pitch, 20000 pcs.
(Only 2G, 3G type)
2 mm pitch, 15000 pcs.
Y
(Only 1G type)
(Only 2G type)
C
Punched (Paper) Taping
Packaging Specifications
] When partly omitted, all the rest P/N factors should be moved up respectively.
l Compatible with placement machines
Taping and bulk case packaging available
l Approved under the ISO 9001 system
l Suitable for both reflow and flow soldering
Rev.02/04


Similar Part No. - ERJ2GEYOC

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ2GEYO102C PANASONIC-ERJ2GEYO102C Datasheet
84Kb / 2P
   THICK FILM CHIP RESISTORS
ERJ2GEYO102U PANASONIC-ERJ2GEYO102U Datasheet
84Kb / 2P
   THICK FILM CHIP RESISTORS
ERJ2GEYO102V PANASONIC-ERJ2GEYO102V Datasheet
84Kb / 2P
   THICK FILM CHIP RESISTORS
ERJ2GEYO102V PANASONIC-ERJ2GEYO102V Datasheet
84Kb / 2P
   THICK FILM CHIP RESISTORS
ERJ2GEYO102X PANASONIC-ERJ2GEYO102X Datasheet
84Kb / 2P
   THICK FILM CHIP RESISTORS
More results

Similar Description - ERJ2GEYOC

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com