Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ-3GEYJ750V Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ERJ-3GEYJ750V
Description  Thick Film Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ-3GEYJ750V Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ERJ-3GEYJ750V Datasheet HTML 1Page - Panasonic Semiconductor ERJ-3GEYJ750V Datasheet HTML 2Page - Panasonic Semiconductor ERJ-3GEYJ750V Datasheet HTML 3Page - Panasonic Semiconductor ERJ-3GEYJ750V Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
ERJ1G(0201)
0.3 to 0.4
0.8 to 0.9 0.25 to 0.35
ERJ2G(0402)
0.5 to 0.6
1.4 to 1.6
0.4 to 0.6
ERJ3G(0603)
0.7 to 0.9
2 to 2.2
0.8 to 1
ERJ6G(0805)
1 to 1.4
3.2 to 3.8
0.9 to 1.4
2 to 2.4
4.4 to 5
1.2 to 1.8
ERJ14(1210)
2 to 2.4
4.4 to 5
1.8 to 2.8
ERJ12(1812)
3.3 to 3.7
5.7 to 6.5
2.3 to 3.5
ERJ12Z(2010)
3.6 to 4
6.2 to 7
1.8 to 2.8
ERJ1T(2512)
5 to 5.4
7.6 to 8.6
2.3 to 3.5
Thick Film Chip Resistors
n Recommended Land Pattern
Chip Resistor
a
b
Type
(inches)
Dimensions (mm)
ab
c
n Recommended Soldering Conditions
Recommendations and precautions are described below.
Preheating
Peak
Heating
Time
l Recommended soldering conditions for reflow
Temperature
Time
Preheating
140 ¡C to 160 ¡C
60 s to 120 s
Main heating
Above 200 ¡C
30 s to 40 s
Peak
235 ± 5 ¡C
max. 10 s
Temperature
Time
Preheating
150 ¡C to 180 ¡C
60 s to 120 s
Main heating
Above 230 ¡C
30 s to 40 s
Peak
max. 260 ¡C
max. 10 s
l Recommended soldering conditions for flow
Temperature
Time
Temperature
Time
Preheating
140 ¡C to 160 ¡C
60 s to 120 s
150 ¡C to 180 ¡C
60 s to 120 s
Soldering
245±5 ¡C
20 s to 30 s
max. 260 ¡C
max. 10 s
In case of flow soldering, the land width must be smaller than the Chip Resistor width to control the solder amount
properly. Generally, the land width should be 0.7 to 0.8 times the width of chip the resistor. In case of reflow soldering,
ERJ8G(1206)
solder amount can be adjusted, therefore the land width should be set to 1.0 to 1.3 times chip resistor width (W).
áReflow soldering should be a maximum of two times
áPlease contact us for additional information when
used in conditions other than those specified.
every type of printed circuit board for solderability, before
actual use.
For soldering (Example : Sn/Pb)
For lead-free soldering (Example : Sn/Ag/Cu)
For soldering
For lead-free soldering
Safety Precautions
confirmation test with the resistors actually mounted on the board.
When a load of more than the rated power is applied under load condition at steady state, it may
Never exceed the specified rated power.
2. Chlorine type or other highly-reactive flux is not recommended. Residue could affect performance or reliability of
the resistors.
impair performance and/or reliability of the resistor.
3. When using a soldering iron, never let the tip of the iron touch the body of the chip resistor. When using a
soldering iron with a tip at a high temperature, solder for as short time as possible (no more than three seconds
and up to 350 ¡C).
4. Avoid physical shock to the resistor and nipping of the resistor with hard tool (pliers or tweezers) as it may
damage the protective coating of the resistor and may affect its performance.
1. If transient load (heavy load in a short time) like pulse is to be applied, carry out an evaluation and
áPlease measure the temperature of terminations and study


Similar Part No. - ERJ-3GEYJ750V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-3GEYJ PANASONIC-ERJ-3GEYJ Datasheet
196Kb / 2P
   Surface Mount Chip Resistors
logo
Texas Instruments
ERJ-3GEYJ101V TI1-ERJ-3GEYJ101V Datasheet
1Mb / 34P
[Old version datasheet]   Contains all support circuitry needed for the ADS1148/ADS1248
ERJ-3GEYJ101V TI1-ERJ-3GEYJ101V Datasheet
623Kb / 31P
[Old version datasheet]   ADS1131REF and ADS1231REF
logo
Panasonic Semiconductor
ERJ-3GEYJ101V PANASONIC-ERJ-3GEYJ101V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
logo
Texas Instruments
ERJ-3GEYJ101V TI1-ERJ-3GEYJ101V Datasheet
667Kb / 30P
[Old version datasheet]   USER GUIDE
More results

Similar Description - ERJ-3GEYJ750V

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com