Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FHP3130 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FHP3130
Description  Single, Dual, and Quad, High Speed, 2.7V to 12V, Rail-to-Rail Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FHP3130 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FHP3130 Datasheet HTML 1Page - Fairchild Semiconductor FHP3130 Datasheet HTML 2Page - Fairchild Semiconductor FHP3130 Datasheet HTML 3Page - Fairchild Semiconductor FHP3130 Datasheet HTML 4Page - Fairchild Semiconductor FHP3130 Datasheet HTML 5Page - Fairchild Semiconductor FHP3130 Datasheet HTML 6Page - Fairchild Semiconductor FHP3130 Datasheet HTML 7Page - Fairchild Semiconductor FHP3130 Datasheet HTML 8Page - Fairchild Semiconductor FHP3130 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
FHP3130, FHP3230, FHP3430 Rev. 1A
1
www.fairchildsemi.com
December 2005
FHP3130, FHP3230, FHP3430
Single, Dual, and Quad, High Speed, 2.7V to 12V,
Rail-to-Rail Amplifiers
Features at ±5V
■ 2.5mA supply current per amplifier
■ 0.008% / 0.01˚ differential gain/phase
■ 16MHz 0.1dB bandwidth at Vo = 2Vpp
■ Output voltage range at RL = 150Ω : -4.8V to 4.8V
■ Input includes negative rail
■ 110V/µs slew rate
■ ±100mA output current
■ 17nV/√Hz input voltage noise
■ >100dB PSRR, CMRR, and Open Loop Gain
■ FHP3130 – improved replacement for KM4100
■ FHP3230 – improved replacement for KM4200
■ FHP3130 lead(Pb)-free package options
(SOT23-5, SOIC-8)
■ FHP3230 lead(Pb)-free package options
(MSOP-8, SOIC-8)
■ FHP3430 lead(Pb)-free package options
(TSSOP-14, SOIC-14)
■ RoHS compliant
■ Fully specified at +3V, +5V, and ±5V supplies
Applications
■ A/D driver
■ Active filters
■ CCD imaging systems
■ CD/DVD ROM
■ Coaxial cable drivers
■ Portable/battery-powered applications
■ Twisted pair driver
■ Video driver
Description
The FHP3130 (single), FHP3230 (dual), and FHP3430 (quad)
are low cost, high performance, voltage feedback amplifiers that
consume only 2.5mA of supply current per channel while pro-
viding ±100mA of output current. These amplifiers are designed
to operate from 2.7V to 12V (±6V) supplies. The common mode
voltage range extends below the negative rail and the output
provides rail-to-rail performance.
The FHP3130, FHP3230, and FHP3430 are designed on a
complimentary bipolar process and provide 170MHz of band-
width and 110V/µs of slew rate at a supply voltage of ±5V. The
combination of low power, rail-to-rail performance, low voltage
operation, and tiny package options make these amplifiers well
suited for use in many general purpose high speed applications.
These amplifiers also provide excellent video specifications.
They offer extremely low differential gain and phase (0.008%/
0.01˚) and 0.1dB gain flatness to 16MHz for superb standard
definition video performance. Their output drive capability effort-
lessly supports 4 video loads.
Typical Application - YC Video Line Driver
YIN
1kΩ
1kΩ
75Ω
75Ω
YOUT
1/2
FHP3230
CIN
1kΩ
1kΩ
75Ω
75Ω
COUT
1/2
FHP3230
0.01
-0.7
-0.5
-0.3
-0.1
0.1
0.3
0.5
0.7
Input Voltage (V)
-0.01
-0.006
-0.004
-0.002
0
0.002
0.004
0.006
0.008
-0.008
0.01
-0.01
-0.006
-0.004
-0.002
0
0.002
0.004
0.006
0.008
-0.008
Vs = ±5V
RL = 150
Gain
Phase


Similar Part No. - FHP3130

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FHP3130 FAIRCHILD-FHP3130 Datasheet
1Mb / 23P
   Single, Dual, and Quad, High-Speed, 2.7V to 12V, Rail-to-Rail Amplifiers
FHP3130 FAIRCHILD-FHP3130 Datasheet
66Kb / 4P
   PCB Layout Considerations for Video Filter / Drivers
FHP3130IM8X FAIRCHILD-FHP3130IM8X Datasheet
1Mb / 23P
   Single, Dual, and Quad, High-Speed, 2.7V to 12V, Rail-to-Rail Amplifiers
FHP3130IS5X FAIRCHILD-FHP3130IS5X Datasheet
1Mb / 23P
   Single, Dual, and Quad, High-Speed, 2.7V to 12V, Rail-to-Rail Amplifiers
FHP3130 FAIRCHILD-FHP3130_06 Datasheet
1Mb / 23P
   Single, Dual, and Quad, High-Speed, 2.7V to 12V, Rail-to-Rail Amplifiers
More results

Similar Description - FHP3130

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FHP3130 FAIRCHILD-FHP3130_06 Datasheet
1Mb / 23P
   Single, Dual, and Quad, High-Speed, 2.7V to 12V, Rail-to-Rail Amplifiers
FHP3132 FAIRCHILD-FHP3132 Datasheet
718Kb / 16P
   Single and Dual, High-Speed, Rail-to-Rail Amplifiers
FAN4230 FAIRCHILD-FAN4230 Datasheet
98Kb / 5P
   Dual, High Speed, 2.5V to 12V, Rail-to-Rail Amplifier
logo
Analog Devices
OP295 AD-OP295 Datasheet
328Kb / 12P
   DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV. B
OP295 AD-OP295_15 Datasheet
376Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
OP295 AD-OP295_06 Datasheet
399Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. E
OP495 AD-OP495_15 Datasheet
376Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
logo
National Semiconductor ...
LMV341 NSC-LMV341 Datasheet
694Kb / 17P
   Single with Shutdown/Dual/Quad General Purpose, 2.7V, Rail-to-Rail Output, 125째C, Operational Amplifiers
logo
Texas Instruments
LMV341 TI1-LMV341 Datasheet
1Mb / 20P
[Old version datasheet]   Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125C, Operational Amplifiers
logo
National Semiconductor ...
LMV341-N NSC-LMV341-N Datasheet
1Mb / 28P
   Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125째C, Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com