Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8647BDG Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # SP8647BDG
Description  250MHz 10/11
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8647BDG Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  SP8647BDG Datasheet HTML 1Page - Zarlink Semiconductor Inc SP8647BDG Datasheet HTML 2Page - Zarlink Semiconductor Inc SP8647BDG Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8647BDG Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8647BDG Datasheet HTML 5Page - Zarlink Semiconductor Inc SP8647BDG Datasheet HTML 6Page - Zarlink Semiconductor Inc SP8647BDG Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3
SP8647
L
H
L
H
PE1
L
L
H
H
TRUTH TABLE FOR
CONTROL INPUTS
11
10
10
10
PE2
Division ratio
Fig. 4 Timing diagram
Fig. 5 Typical input impedance. Test conditions: Supply Voltage = 5V,
Ambient Temperature = 25
°C. Frequencies in MHz, impedances normalised to 50Ω.
OPERATING NOTES
1. The clock and control inputs are ECLIII compatible. There
is an internal pulldown resistor to VEE of 4·3kΩ on each input
and therefore any unused input can be left open circuit. If it
is desirable to capacitively couple the signal source to the
clock then an external bias is required as shown in Fig. 6.
The external bias voltage should be 21·3V at 25
°C.
2. The outputs are compatible with ECLII but can be interfaced
to ECL10K as shown in Fig.8.
3. The circuit will operate down to DC but slew rate must be
better than 100V/
µs.
4. Input impedance is a function of frequency. See Fig. 5.
5. The TTL/CMOS output is a free collector, with an output
rise/fall time which is a function of load resistance and load
capacitance. The load capacitance should therefore be kept
to a minimum and the load resistance should not be too
small otherwise VOL will be too great. For example, TTL
output current = 8mA, VOL = 0·5V. For CMOS outputs, the
value of load resistor should be the maximum consistent
with satisfactory rise times.
6. All components should be suitable for the frequency in use.
6
tr
ts
5
5
CLOCK INPUT
PE INPUT
OUTPUT
j 2
j 1
j 0.5
j 0.2
0
2
j 0.2
2
j 0.5
2
j 1
2
j 2
1
0.5
0.2
j 5
2
j 5
2
5
50
100
150
200
250


Similar Part No. - SP8647BDG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8643A ZARLINK-SP8643A Datasheet
1Mb / 5P
   350MHz 10/11
More results

Similar Description - SP8647BDG

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C10810 PERICOM-PI6C10810 Datasheet
831Kb / 10P
   1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
logo
Zarlink Semiconductor I...
SP8643A ZARLINK-SP8643A Datasheet
1Mb / 5P
   350MHz 10/11
logo
Pericom Semiconductor C...
PI6C10807 PERICOM-PI6C10807 Datasheet
355Kb / 7P
   1.8V/2.5V, 250MHz, 1:10 Networking Clock Buffer
logo
Renesas Technology Corp
HA-5033 RENESAS-HA-5033 Datasheet
701Kb / 12P
   250MHz Video Buffer
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033 Datasheet
235Kb / 9P
   250MHz Video Buffer
September 1998
logo
Golledge Electronics Lt...
MP02018 GOLLEDGE-MP02018 Datasheet
75Kb / 5P
   250MHz SAW Filter
logo
List of Unclassifed Man...
SP8690 ETC2-SP8690 Datasheet
75Kb / 6P
   200MHz첨8/9/10/11
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033_06 Datasheet
384Kb / 12P
   250MHz Video Buffer
logo
TAI-SAW TECHNOLOGY CO.,...
TC0605A TAI-SAW-TC0605A Datasheet
153Kb / 7P
   SAW Resonator 250MHz
logo
Intersil Corporation
EL5172 INTERSIL-EL5172_08 Datasheet
349Kb / 16P
   250MHz Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com