Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC124XEF Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PDTC124XEF
Description  NPN resistor-equipped transistors; R1 = 22 kohm, R2 = 47 kohm
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC124XEF Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PDTC124XEF Datasheet HTML 4Page - NXP Semiconductors PDTC124XEF Datasheet HTML 5Page - NXP Semiconductors PDTC124XEF Datasheet HTML 6Page - NXP Semiconductors PDTC124XEF Datasheet HTML 7Page - NXP Semiconductors PDTC124XEF Datasheet HTML 8Page - NXP Semiconductors PDTC124XEF Datasheet HTML 9Page - NXP Semiconductors PDTC124XEF Datasheet HTML 10Page - NXP Semiconductors PDTC124XEF Datasheet HTML 11Page - NXP Semiconductors PDTC124XEF Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PDTC124X_SER_6
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 14 July 2005
10 of 12
Philips Semiconductors
PDTC124X series
NPN resistor-equipped transistors; R1 = 22 k
Ω, R2 = 47 kΩ
10. Revision history
Table 10:
Revision history
Document ID
Release date
Data sheet status
Change notice Doc. number
Supersedes
PDTC124X_SER_6
20050714
Product data sheet
-
-
PDTC124X_SERIES_5
Modifications:
The format of this data sheet has been redesigned to comply with the new presentation and
information standard of Philips Semiconductors.
• Table 6 “Limiting values”: typing error for value of VEBO emitter-base voltage corrected
• Table 8 “Characteristics”: Vi(on) redefined to VI(on) on-state input voltage
• Table 8 “Characteristics”: Vi(off) redefined to VI(off) off-state input voltage
• Figure 1, 2, 3, 4, 9 and 10: added
• Figure 5, 6, 7, 8, 11, 12 and 13: superseded by minimized package outlines
• Section 9 “Packing information”: added
• Section 14 “Trademarks”: added
PDTC124X_SERIES_5 20040813
Product
specification
-
9397 750 13672 PDTC124X_SERIES_4
PDTC124X_SERIES_4 20030410
Product
specification
-
9397 750 11018 PDTC124XEF_2
PDTC124XE_3
PDTC124XE_3
19990518
Product
specification
-
9397 750 05861 PDTC124XE_2
PDTC124XE_2
19980921
Product
specification
-
9397 750 04129 PDTC124XE_1
PDTC124XE_1
19971215
Product
specification
-
9397 750 03081 -
PDTC124XEF_2
19990518
Preliminary
specification
-
9397 750 05862 PDTC124XEF_1
PDTC124XEF_1
19981111
Preliminary
specification
-
9397 750 04644 -


Similar Part No. - PDTC124XEF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC124XEF PHILIPS-PDTC124XEF Datasheet
63Kb / 8P
   NPN resistor-equipped transistor
1999 May 18
PDTC124XEF NXP-PDTC124XEF Datasheet
147Kb / 12P
   NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 47 k廓
Rev. 07-16 November 2009
logo
Nexperia B.V. All right...
PDTC124XEF NEXPERIA-PDTC124XEF Datasheet
260Kb / 13P
   NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = 47 kΩ
Rev. 07 - 16 November 2009
PDTC124XEF NEXPERIA-PDTC124XEF Datasheet
205Kb / 13P
   PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08 - 3 September 2009
More results

Similar Description - PDTC124XEF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144WK PHILIPS-PDTC144WK Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 KOHM, R2 = 22 KOHM
2004 Aug 17
PEMH2 PHILIPS-PEMH2 Datasheet
55Kb / 8P
   NPN resistor-equipped transistors; R1 = 47 kohm, R2 = 47 kohm
2001 Oct 22
PDTC123J PHILIPS-PDTC123J Datasheet
92Kb / 14P
   NPN resistor-equipped transistors; R1 = 2.2 kOHM, R2 = 47 kOHM
2004 Aug 13
PDTA124X PHILIPS-PDTA124X Datasheet
93Kb / 14P
   PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 47 kohm
2004 Aug 04
PEMH10 PHILIPS-PEMH10 Datasheet
55Kb / 8P
   NPN resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm
2001 Oct 22
PEMH13 PHILIPS-PEMH13 Datasheet
56Kb / 8P
   NPN resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2001 Dec 13
PUMH10 PHILIPS-PUMH10 Datasheet
54Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm
2003 Oct 20
PEMH9 PHILIPS-PEMH9 Datasheet
55Kb / 8P
   NPN resistor-equipped transistors; R1 = 10 kohm, R2 = 47 kohm
2001 Nov 07
PEMD10 PHILIPS-PEMD10 Datasheet
47Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm
2001 Sep 11
PEMD9 PHILIPS-PEMD9 Datasheet
67Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 47 kohm
2001 Oct 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com