Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6443 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6443
Description  Digital Media System on-Chip
Download  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6443 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320DM6443 Datasheet HTML 2Page - Texas Instruments TMS320DM6443 Datasheet HTML 3Page - Texas Instruments TMS320DM6443 Datasheet HTML 4Page - Texas Instruments TMS320DM6443 Datasheet HTML 5Page - Texas Instruments TMS320DM6443 Datasheet HTML 6Page - Texas Instruments TMS320DM6443 Datasheet HTML 7Page - Texas Instruments TMS320DM6443 Datasheet HTML 8Page - Texas Instruments TMS320DM6443 Datasheet HTML 9Page - Texas Instruments TMS320DM6443 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 202 page
background image
www.ti.com
Contents
2
Device Overview
2.1
Device Characteristics
TMS320DM6443
Digital Media System on-Chip
SPRS282 – DECEMBER 2005
1
Digital Media System-on-Chip (DMSoC)
............ 1
5.1
Parameter Information
.............................. 81
5.2
Recommended Clock and Control Signal Transition
1.1
Features
.............................................. 1
Behavior
............................................. 82
1.2
Description
............................................ 3
5.3
Power Supplies
...................................... 82
1.3
Functional Block Diagram
............................ 5
5.4
Reset
................................................ 90
2
Device Overview
......................................... 6
5.5
Oscillators
........................................... 93
2.1
Device Characteristics
................................ 6
5.6
Clock PLLs
.......................................... 96
2.2
Device Compatibility
.................................. 8
5.7
Interrupts
........................................... 100
2.3
ARM Subsystem
...................................... 8
5.8
General-Purpose Input/Output (GPIO)
............. 106
2.4
DSP Subsystem
..................................... 13
5.9
Enhanced Direct Memory Access (EDMA)
2.5
Memory Map Summary
............................. 17
Controller
........................................... 108
2.6
Pin Assignments
.................................... 20
5.10
External Memory Interface (EMIF)
................ 121
2.7
Terminal Functions
.................................. 26
5.11
ATA/CF
........................................... 127
2.8
Device Support
...................................... 50
5.12
MMC/SD
........................................... 144
3
Device Configuration
.................................. 54
5.13
Video Processing Sub-System (VPSS) Overview
. 146
3.1
System Module Registers
........................... 54
5.14
USB 2.0
........................................... 158
3.2
Power Considerations
............................... 54
5.15
Universal Asynchronous Receiver/Transmitter
3.3
Clocks Considerations
.............................. 55
(UART)
............................................. 167
3.4
Bootmode
........................................... 58
5.16
Serial Port Interface (SPI)
......................... 169
3.5
Configurations at Reset
............................. 61
5.17
Inter-Integrated Circuit (I2C)
....................... 172
3.6
Configurations After Reset
.......................... 65
5.18
Audio Serial Port (ASP)
............................ 177
3.7
Emulation Control
................................... 76
5.19
Ethernet Media Access Controller (EMAC)
........ 181
3.8
Debugging Considerations
.......................... 77
5.20
Management Data Input/Output (MDIO)
.......... 188
3.9
Configuration Examples
............................. 77
5.21
Timer
............................................... 190
4
Device Operating Conditions
........................ 78
5.22
Pulse Width Modulator (PWM)
.................... 191
4.1
Absolute Maximum Ratings Over Operating Case
5.23
VLYNQ
............................................ 193
Temperature Range
5.24
IEEE 1149.1 JTAG
................................ 197
(Unless Otherwise Noted)
.......................... 78
6
Mechanical Packaging and Orderable
4.2
Recommended Operating Conditions
............... 79
Information
............................................. 199
4.3
Electrical Characteristics Over Recommended
6.1
Thermal Data for ZWT
............................. 199
Ranges of Supply Voltage and Operating Case
Temperature (Unless Otherwise Noted)
............ 80
6.2
Packaging Information
............................. 199
5
Peripheral and Electrical Specifications
........... 81
Table 2-1 provides an overview of the TMS320DM6443 SoC. The table shows significant features of the
device, including the capacity of on-chip RAM, peripherals, internal peripheral bus frequency relative to the
C64x+ DSP, and the package type with pin count.
Contents
6


Similar Part No. - TMS320DM6443

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6443 TI-TMS320DM6443 Datasheet
1Mb / 221P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443 TI-TMS320DM6443 Datasheet
1Mb / 223P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443 TI1-TMS320DM6443 Datasheet
1Mb / 219P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443AZWT TI-TMS320DM6443AZWT Datasheet
1Mb / 223P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443AZWT TI1-TMS320DM6443AZWT Datasheet
1Mb / 219P
[Old version datasheet]   Digital Media System-on-Chip
More results

Similar Description - TMS320DM6443

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
[Old version datasheet]   Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_09 Datasheet
2Mb / 357P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_08 Datasheet
2Mb / 340P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUT7 TI-TMS320DM6467CCUT7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com