Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7812ACT Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # LM7812ACT
Description  3-Terminal 1A Positive Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM7812ACT Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button LM7812ACT Datasheet HTML 7Page - Fairchild Semiconductor LM7812ACT Datasheet HTML 8Page - Fairchild Semiconductor LM7812ACT Datasheet HTML 9Page - Fairchild Semiconductor LM7812ACT Datasheet HTML 10Page - Fairchild Semiconductor LM7812ACT Datasheet HTML 11Page - Fairchild Semiconductor LM7812ACT Datasheet HTML 12Page - Fairchild Semiconductor LM7812ACT Datasheet HTML 13Page - Fairchild Semiconductor LM7812ACT Datasheet HTML 14Page - Fairchild Semiconductor LM7812ACT Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
www.fairchildsemi.com
Electrical Characteristics (LM7809A)
(Refer to the test circuits. 0
qC  TJ  125qC, IO = 1A, VI = 15V, CI = 0.33PF, CO = 0.1PF, unless otherwise specified)
Note 26: Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with
low duty is used.
Note 27: These parameters, although guaranteed, are not 100% tested in production.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage
VO
TJ = 25qC
8.82
9.0
9.16
V
IO = 5mA to 1A, PO d 15W, VI = 11.2V to 24V
8.65
9.0
9.35
Line Regulation
Regline
VI = 11.7V to 25V, IO = 500mA
6.0
90.0
mV
(Note 26)
VI = 12.5V to 19V
4.0
45.0
TJ = 25qCVI = 11.5V to 24V
6.0
90.0
VI = 12.5V to 19V
2.0
45.0
Load Regulation
Regload
TJ = 25qC, IO = 5mA to 1.0mA
12.0
100
mV
(Note 26)
IO = 5mA to 1mA
12.0
100
IO = 250mA to 750mA
5.0
50.0
Quiescent Current
IQ
TJ = 25qC–
5.0
6.0
mA
Quiescent Current Change
'IQ
IO = 5mA to 1A
0.5
mA
VI = 12V to 25V, IO = 500mA
0.8
VI = 11.7V to 25V, TJ = 25qC–
0.8
Output Voltage Drift (Note 27)
'VO/'TIO = 5mA
1.0
mV/
qC
Output Noise Voltage
VN
f = 10Hz to 100KHz, TA = 25qC
10.0
PV/VO
Ripple Rejection (Note 27)
RR
f = 120Hz, IO = 500mA, VI = 12V to 22V
62.0
dB
Dropout Voltage
VDROP
IO = 1A, TJ = 25qC–
2.0
V
Output Resistance (Note 27)
rO
f = 1KHz
17.0
m
:
Short Circuit Current
ISC
VI = 35V, TA = 25qC–
250
mA
Peak Current (Note 27)
IPK
TJ =25qC–
2.2
A


Similar Part No. - LM7812ACT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM7812ACT FAIRCHILD-LM7812ACT Datasheet
556Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7812ACT FAIRCHILD-LM7812ACT Datasheet
1Mb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7812ACT FAIRCHILD-LM7812ACT Datasheet
850Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7812ACT FAIRCHILD-LM7812ACT Datasheet
460Kb / 24P
   3-Terminal 1 A Positive Voltage Regulator
LM7812ACT FAIRCHILD-LM7812ACT Datasheet
1Mb / 28P
   3-Terminal 1A Positive Voltage Regulator
More results

Similar Description - LM7812ACT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com