Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8504PW50 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV8504PW50
Description  Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8504PW50 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV8504PW50 Datasheet HTML 4Page - ON Semiconductor NCV8504PW50 Datasheet HTML 5Page - ON Semiconductor NCV8504PW50 Datasheet HTML 6Page - ON Semiconductor NCV8504PW50 Datasheet HTML 7Page - ON Semiconductor NCV8504PW50 Datasheet HTML 8Page - ON Semiconductor NCV8504PW50 Datasheet HTML 9Page - ON Semiconductor NCV8504PW50 Datasheet HTML 10Page - ON Semiconductor NCV8504PW50 Datasheet HTML 11Page - ON Semiconductor NCV8504PW50 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NCV8504 Series
http://onsemi.com
8
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 9. Quiescent Current vs Output Current
Figure 10. Quiescent Current vs Output Current
Figure 11. Quiescent Current vs Input Voltage
0
0.0
IOUT, OUTPUT CURRENT (mA)
0.2
0.4
0.6
0.8
1.0
1.2
2.0
510
15
20
30
25
+25
°C
+125
°C
−40
°C
Figure 12. Quiescent Current vs Input Voltage
35
40
50
45
1.4
1.6
1.8
0
0
IOUT, OUTPUT CURRENT (mA)
10
20
30
40
50
60
50
100
150 200
300
250
+25
°C
+125
°C
−40
°C
350
400
500
450
6
0
VIN, INPUT VOLTAGE (V)
2
4
6
8
10
12
8
10
12
14
18
16
T = 25
°C
Iout = 200 mA
20
22
26
24
Iout = 100 mA
Iout = 50 mA
Iout = 10 mA
6
0
VIN, INPUT VOLTAGE (V)
20
40
60
80
100
140
8
10
12
14
18
16
T = 25
°C
20
22
26
24
Iout = 100 mA
120


Similar Part No. - NCV8504PW50

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8504PW50 ONSEMI-NCV8504PW50 Datasheet
178Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 17
NCV8504PW50G ONSEMI-NCV8504PW50G Datasheet
178Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 17
NCV8504PW50G ONSEMI-NCV8504PW50G Datasheet
151Kb / 12P
   Micropower 400 mA LDO Linear Regulators
May, 2010 ??Rev. 22
NCV8504PW50R2 ONSEMI-NCV8504PW50R2 Datasheet
178Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 17
NCV8504PW50R2G ONSEMI-NCV8504PW50R2G Datasheet
178Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 17
More results

Similar Description - NCV8504PW50

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8504 ONSEMI-NCV8504_07 Datasheet
178Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 17
NCV8503 ONSEMI-NCV8503 Datasheet
106Kb / 14P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
NCV8503 ONSEMI-NCV8503_07 Datasheet
186Kb / 13P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 19
NCV8506 ONSEMI-NCV8506_07 Datasheet
156Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
February, 2007 ??Rev. 7
NCV8506 ONSEMI-NCV8506 Datasheet
75Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505_07 Datasheet
164Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8504 ONSEMI-NCV8504_10 Datasheet
151Kb / 12P
   Micropower 400 mA LDO Linear Regulators
May, 2010 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com