Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2762B Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # U2762B
Description  900-MHz ISM Band Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U2762B Datasheet(HTML) 2 Page - TEMIC Semiconductors

  U2762B Datasheet HTML 1Page - TEMIC Semiconductors U2762B Datasheet HTML 2Page - TEMIC Semiconductors U2762B Datasheet HTML 3Page - TEMIC Semiconductors U2762B Datasheet HTML 4Page - TEMIC Semiconductors U2762B Datasheet HTML 5Page - TEMIC Semiconductors U2762B Datasheet HTML 6Page - TEMIC Semiconductors U2762B Datasheet HTML 7Page - TEMIC Semiconductors U2762B Datasheet HTML 8Page - TEMIC Semiconductors U2762B Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
U2762B
Rev. A3, 10-Jun-98
Preliminary Information
2 (9)
Pin Description
1
2
3
4
5
6
7
8
10
9
27
22
21
20
18
19
17
12
11
28
25
26
23
24
Mix out
VCC3
A2 in
A2 REF
Data out
Com Nin
A1 in
GND2
Com in
A1 REF
RSSI
NC
VCC2
Lim1 in
Lim1 REF
Lim1 out
GND3
Lim2 in
GND1
A2 out
Lim2 REF
LO in
LO REF
VCC1
16
15
14
13
13960
SL in
DEM out
DEM NTank
DEM Tank
Figure 2. Pinning
Pin
Symbol
Function
1
NC
Not connected
2
RSSI
Signal-strength indicator
3
A1 REF
RF reference
4
A1 in
RF input
5
GND2
IF ground
6
Mix out
Mixer output
7
VCC3
IF and AF power supply
8
A2 in
IF amplifier A2 input
9
A2 REF
IF amplifier A2 reference
10
Data out
Data output
11
Com Nin
Comparator reference
12
Com in
Comparator input / slicer output
13
SL in
Slicer input
14
DEM out
Demodulator output
15
DEM Tank Quadrature filter
16
DEM
NTank
Quadrature filter
17
Lim2 REF Limiter2 reference
18
Lim2 in
Limiter2 input
19
GND3
IF and AF Ground
20
Lim1 out
Limiter1 output
21
Lim1 REF Limiter1 reference
22
Lim1 in
Limiter1 input
23
VCC2
IF power supply 1
24
A2 out
IF amplifier A2 output
25
GND1
RF ground
26
LO in
Local oscillator input
27
LO REF
Local oscillator reference
28
VCC1
RF power supply
Functional Description
RF Amplifier / Mixer
The RF amplifier / mixer down-converts the antenna
signal to the IF frequency. It has asymmetrical RF and IF
ports. The LO input includes an amplifier for good sensi-
tivity and can be used in a symmetrical- as well as an
asymmetrical configuration.
IF Amplifier A2
An additional gain stage enables an application-specific
insertion point for IF filtering.
Limiter 1 / 2
The two-stage limiting amplifier is designed to be
directly coupled to low-cost 10.7-MHz ceramic IF filters
in front of each stage. The total dynamic range is 65 dB.
Demodulator
The quadrature demodulator in the receiving path
contains an internal 7-pF quadrature capacitor to couple
the IF signal to the external tank providing the 90-degree
phase shift. The tank may be either an LC-tank circuit or
an alignment-free discrete ceramic resonator.
Bit-Slicer Amplifier and Comparator
The bit-slicer limits the baseband signal. Furthermore it
eliminates the DC-offset by an AC-coupled lowpass filter
to the demodulator output. A second lowpass filter
recovers the exact comparator threshold value of the
bit-slicer’s output. The time constants of both lowpass
filters can be selected independently from each other to
optimize power-up timing.


Similar Part No. - U2762B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2760B TEMIC-U2760B Datasheet
181Kb / 14P
   CT2-RX/TX IC
U2760B-AFS TEMIC-U2760B-AFS Datasheet
181Kb / 14P
   CT2-RX/TX IC
U2760B-AFSG3 TEMIC-U2760B-AFSG3 Datasheet
181Kb / 14P
   CT2-RX/TX IC
logo
Agilent(Hewlett-Packard...
U2761A HP-U2761A Datasheet
672Kb / 15P
   Voltage and current programming and readback
logo
Keysight Technologies
U2761A KEYSIGHT-U2761A Datasheet
348Kb / 11P
   U2761A USB Modular Function/ Arbitrary Waveform Generator
More results

Similar Description - U2762B

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30104-S1B WPI-WPANT30104-S1B Datasheet
103Kb / 3P
   900 MHz ISM band Omni-Directional Antenna
WPANT30087-R1A WPI-WPANT30087-R1A Datasheet
71Kb / 2P
   900 MHz ISM band Omni-directional Antenna
WPANT30148 WPI-WPANT30148 Datasheet
117Kb / 3P
   900 MHz ISM Band Whip / Stubby Antenna
WPANT30115 WPI-WPANT30115 Datasheet
115Kb / 3P
   900 MHz ISM band Omni-directional Antenna
WPANTDP092-R1A WPI-WPANTDP092-R1A Datasheet
68Kb / 2P
   900 MHz ISM band Directional Panel Antenna
logo
Analog Devices
ADF9010 AD-ADF9010 Datasheet
481Kb / 28P
   900 MHz ISM Band Analog RF Front End
REV. 0
logo
World Produts Inc.
WPANT10071 WPI-WPANT10071 Datasheet
285Kb / 5P
   900 MHz ISM band Stamped Metal Embedded Antenna
logo
Analog Devices
ADF9010 AD-ADF9010_17 Datasheet
400Kb / 29P
   900 MHz ISM Band Analog RF Front End
logo
World Produts Inc.
WPANT10016-CA WPI-WPANT10016-CA Datasheet
331Kb / 5P
   800 / 900 MHz ISM Band and GSM Embedded Antenna
WPANT10058 WPI-WPANT10058 Datasheet
100Kb / 2P
   ISM 900 MHz Miniature Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com