Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M378T3354CZ3-CD5 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # M378T3354CZ3-CD5
Description  DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M378T3354CZ3-CD5 Datasheet(HTML) 2 Page - Samsung semiconductor

  M378T3354CZ3-CD5 Datasheet HTML 1Page - Samsung semiconductor M378T3354CZ3-CD5 Datasheet HTML 2Page - Samsung semiconductor M378T3354CZ3-CD5 Datasheet HTML 3Page - Samsung semiconductor M378T3354CZ3-CD5 Datasheet HTML 4Page - Samsung semiconductor M378T3354CZ3-CD5 Datasheet HTML 5Page - Samsung semiconductor M378T3354CZ3-CD5 Datasheet HTML 6Page - Samsung semiconductor M378T3354CZ3-CD5 Datasheet HTML 7Page - Samsung semiconductor M378T3354CZ3-CD5 Datasheet HTML 8Page - Samsung semiconductor M378T3354CZ3-CD5 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Rev. 1.2 Aug. 2005
256MB, 512MB, 1GB Unbuffered DIMMs
DDR2 SDRAM
DDR2 Unbuffered DIMM Ordering Information
Note: “Z” of Part number(11th digit) stand for Lead-free products.
Note: “3” of Part number(12th digit) stand for Dummy Pad PCB products.
Part Number
Density
Organization
Component Composition
Number of Rank
Height
x64 Non ECC
M378T3354CZ3-CE7/E6/D5/CC
256MB
32Mx64
32Mx16(K4T51163QC)*4
1
30mm
M378T3354CZ0-CE7/E6/D5/CC
256MB
32Mx64
32Mx16(K4T51163QC)*4
1
30mm
M378T6553CZ3-CE7/E6/D5/CC
512MB
64Mx64
64Mx8(K4T51083QC)*8
1
30mm
M378T6553CZ0-CE7/E6/D5/CC
512MB
64Mx64
64Mx8(K4T51083QC)*8
1
30mm
M378T2953CZ3-CE7/E6/D5/CC
1GB
128Mx64
64Mx8(K4T51083QC)*16
2
30mm
M378T2953CZ0-CE7/E6/D5/CC
1GB
128Mx64
64Mx8(K4T51083QC)*16
2
30mm
x72 ECC
M391T6553CZ3-CE7/E6/D5/CC
512MB
64Mx72
64Mx8(K4T51083QC)*9
1
30mm
M391T6553CZ0-CE7/E6/D5/CC
512MB
64Mx72
64Mx8(K4T51083QC)*9
1
30mm
M391T2953CZ3-CE7/E6/D5/CC
1GB
128Mx72
64Mx8(K4T51083QC)*18
2
30mm
M391T2953CZ0-CE7/E6/D5/CC
1GB
128Mx72
64Mx8(K4T51083QC)*18
2
30mm
Features
• Performance range
• JEDEC standard 1.8V ± 0.1V Power Supply
•VDDQ = 1.8V ± 0.1V
• 200 MHz fCK for 400Mb/sec/pin, 267MHz fCK for 533Mb/sec/pin, 333MHz fCK for 667Mb/sec/pin, 400MHz fCK for 800Mb/sec/pin
• 4 Banks
• Posted CAS
• Programmable CAS Latency: 3, 4, 5
• Programmable Additive Latency: 0, 1 , 2 , 3 and 4
• Write Latency(WL) = Read Latency(RL) -1
• Burst Length: 4 , 8(Interleave/nibble sequential)
• Programmable Sequential / Interleave Burst Mode
• Bi-directional Differential Data-Strobe (Single-ended data-strobe is an optional feature)
• Off-Chip Driver(OCD) Impedance Adjustment
• On Die Termination with selectable values(50/75/150 ohms or disable)
• PASR(Partial Array Self Refresh)
• Average Refresh Period 7.8us at lower than a TCASE 85°C, 3.9us at 85°C < TCASE < 95 °C
- support High Temperature Self-Refresh rate enable feature
• Package: 60ball FBGA - 64Mx8 , 84ball FBGA - 32Mx16
• All of Lead-free products are compliant for RoHS
Note: For detailed DDR2 SDRAM operation, please refer to Samsung’s Device operation & Timing diagram.
E7 (DDR2-800)
E6 (DDR2-667)
D5 (DDR2-533)
CC (DDR2-400)
Unit
Speed@CL3
400
400
400
400
Mbps
Speed@CL4
533
533
533
400
Mbps
Speed@CL5
800
667
533
-Mbps
CL-tRCD-tRP
5-5-5
5-5-5
4-4-4
3-3-3
CK
Address Configuration
Organization
Row Address
Column Address
Bank Address
Auto Precharge
64Mx8(512Mb) based Module
A0-A13
A0-A9
BA0-BA1
A10
32Mx16(512Mb) based Module
A0-A12
A0-A9
BA0-BA1
A10


Similar Part No. - M378T3354CZ3-CD5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378T3354BG SAMSUNG-M378T3354BG Datasheet
367Kb / 23P
   DDR2 Unbuffered SDRAM MODULE
M378T3354BG0-CC SAMSUNG-M378T3354BG0-CC Datasheet
367Kb / 23P
   DDR2 Unbuffered SDRAM MODULE
M378T3354BG0-CD5/CC SAMSUNG-M378T3354BG0-CD5/CC Datasheet
367Kb / 23P
   DDR2 Unbuffered SDRAM MODULE
M378T3354BG3-CD5 SAMSUNG-M378T3354BG3-CD5 Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M378T3354BGZ0-CD5/CC SAMSUNG-M378T3354BGZ0-CD5/CC Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
More results

Similar Description - M378T3354CZ3-CD5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378T3354BG3-CD5 SAMSUNG-M378T3354BG3-CD5 Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
M393T6553CZ3 SAMSUNG-M393T6553CZ3 Datasheet
476Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb C-die 72-bit ECC
M368L3324BT SAMSUNG-M368L3324BT Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M368L1624DTM SAMSUNG-M368L1624DTM Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L3223ETM-CC5 SAMSUNG-M368L3223ETM-CC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
M393T6553BG SAMSUNG-M393T6553BG Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
logo
Sanken electric
M368L1624FTM SANKEN-M368L1624FTM Datasheet
445Kb / 25P
   184pin Unbuffered Module based on 256Mb F-die with 64/72-bit Non-ECC / ECC
logo
Samsung semiconductor
M470T3354CZ3 SAMSUNG-M470T3354CZ3 Datasheet
328Kb / 18P
   DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 512Mb C-die 64bit Non-ECC
M368L3324DUS SAMSUNG-M368L3324DUS Datasheet
463Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb D-die with 64/72-bit Non ECC/ECC 66 TSOP-II with Pb-Free (RoHS compliant)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com