Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N87C251SQ16 Datasheet(PDF) 4 Page - Intel Corporation

Part # N87C251SQ16
Description  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N87C251SQ16 Datasheet(HTML) 4 Page - Intel Corporation

  N87C251SQ16 Datasheet HTML 1Page - Intel Corporation N87C251SQ16 Datasheet HTML 2Page - Intel Corporation N87C251SQ16 Datasheet HTML 3Page - Intel Corporation N87C251SQ16 Datasheet HTML 4Page - Intel Corporation N87C251SQ16 Datasheet HTML 5Page - Intel Corporation N87C251SQ16 Datasheet HTML 6Page - Intel Corporation N87C251SQ16 Datasheet HTML 7Page - Intel Corporation N87C251SQ16 Datasheet HTML 8Page - Intel Corporation N87C251SQ16 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
PRELIMINARY
8XC251SA/SB/SP/SQ HIGH-PERFORMANCE CHMOS MICROCONTROLLER
1.0
NOMENCLATURE
Figure 2. The 8XC251SA/SB/SP/SQ Family Nomenclature
Table 1. Description of Product Nomenclature
Parameter
Options
Description
Temperature and Burn-in
Options
no mark
Commercial operating temperature range (0°C to 70°C) with
Intel standard burn-in.
T
Express operating temperature range (-40°C to 85°C) with
Intel standard burn-in.
Packaging Options
N
44-pin Plastic Leaded Chip Carrier (PLCC)
P
40-pin Plastic Dual In-line Package (PDIP)
C
40-pin Ceramic Dual In-line Package (Ceramic DIP)
Program Memory Options
0
Without ROM/OTPROM/EPROM
3ROM
7
User programmable OTPROM/EPROM
Process Information
C
CHMOS
Product Family
251
8-bit control architecture
Device Memory Options
SA
1-Kbyte RAM/8-Kbyte ROM/OTPROM/EPROM
SB
1-Kbyte RAM/16-Kbyte ROM/OTPROM/EPROM or without
ROM/OTPROM/EPROM
SP
512-byte RAM/8-Kbyte ROM/OTPROM/EPROM
SQ
512-byte RAM/16-Kbyte ROM/OTPROM/EPROM or without
ROM/OTPROM/EPROM
Device Speed
16
External clock frequency
XXXXX
XX
X
X
8
XX
X
A2815-01


Similar Part No. - N87C251SQ16

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
N87C196JQ INTEL-N87C196JQ Datasheet
1Mb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
N87C196JR INTEL-N87C196JR Datasheet
1Mb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
N87C196KB INTEL-N87C196KB Datasheet
337Kb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
N87C196KB16 INTEL-N87C196KB16 Datasheet
337Kb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
N87C196KC INTEL-N87C196KC Datasheet
322Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
More results

Similar Description - N87C251SQ16

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC151SA INTEL-8XC151SA Datasheet
595Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C151SB INTEL-87C151SB Datasheet
297Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EE80C251TB24 INTEL-EE80C251TB24 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EN80C251TB24 INTEL-EN80C251TB24 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251SA INTEL-8XC251SA Datasheet
440Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251TA INTEL-8XC251TA Datasheet
238Kb / 34P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P80C251TB24 INTEL-P80C251TB24 Datasheet
819Kb / 36P
   TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
M80C196KB INTEL-M80C196KB Datasheet
401Kb / 30P
   16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
N80C251TB24 INTEL-N80C251TB24 Datasheet
1Mb / 36P
   TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C196KC INTEL-87C196KC Datasheet
258Kb / 21P
   16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com