Electronic Components Datasheet Search |
|
M391T2953CZ0-CE7 Datasheet(PDF) 2 Page - Samsung semiconductor |
|
M391T2953CZ0-CE7 Datasheet(HTML) 2 Page - Samsung semiconductor |
2 / 22 page Rev. 1.2 Aug. 2005 256MB, 512MB, 1GB Unbuffered DIMMs DDR2 SDRAM DDR2 Unbuffered DIMM Ordering Information Note: “Z” of Part number(11th digit) stand for Lead-free products. Note: “3” of Part number(12th digit) stand for Dummy Pad PCB products. Part Number Density Organization Component Composition Number of Rank Height x64 Non ECC M378T3354CZ3-CE7/E6/D5/CC 256MB 32Mx64 32Mx16(K4T51163QC)*4 1 30mm M378T3354CZ0-CE7/E6/D5/CC 256MB 32Mx64 32Mx16(K4T51163QC)*4 1 30mm M378T6553CZ3-CE7/E6/D5/CC 512MB 64Mx64 64Mx8(K4T51083QC)*8 1 30mm M378T6553CZ0-CE7/E6/D5/CC 512MB 64Mx64 64Mx8(K4T51083QC)*8 1 30mm M378T2953CZ3-CE7/E6/D5/CC 1GB 128Mx64 64Mx8(K4T51083QC)*16 2 30mm M378T2953CZ0-CE7/E6/D5/CC 1GB 128Mx64 64Mx8(K4T51083QC)*16 2 30mm x72 ECC M391T6553CZ3-CE7/E6/D5/CC 512MB 64Mx72 64Mx8(K4T51083QC)*9 1 30mm M391T6553CZ0-CE7/E6/D5/CC 512MB 64Mx72 64Mx8(K4T51083QC)*9 1 30mm M391T2953CZ3-CE7/E6/D5/CC 1GB 128Mx72 64Mx8(K4T51083QC)*18 2 30mm M391T2953CZ0-CE7/E6/D5/CC 1GB 128Mx72 64Mx8(K4T51083QC)*18 2 30mm Features • Performance range • JEDEC standard 1.8V ± 0.1V Power Supply •VDDQ = 1.8V ± 0.1V • 200 MHz fCK for 400Mb/sec/pin, 267MHz fCK for 533Mb/sec/pin, 333MHz fCK for 667Mb/sec/pin, 400MHz fCK for 800Mb/sec/pin • 4 Banks • Posted CAS • Programmable CAS Latency: 3, 4, 5 • Programmable Additive Latency: 0, 1 , 2 , 3 and 4 • Write Latency(WL) = Read Latency(RL) -1 • Burst Length: 4 , 8(Interleave/nibble sequential) • Programmable Sequential / Interleave Burst Mode • Bi-directional Differential Data-Strobe (Single-ended data-strobe is an optional feature) • Off-Chip Driver(OCD) Impedance Adjustment • On Die Termination with selectable values(50/75/150 ohms or disable) • PASR(Partial Array Self Refresh) • Average Refresh Period 7.8us at lower than a TCASE 85°C, 3.9us at 85°C < TCASE < 95 °C - support High Temperature Self-Refresh rate enable feature • Package: 60ball FBGA - 64Mx8 , 84ball FBGA - 32Mx16 • All of Lead-free products are compliant for RoHS Note: For detailed DDR2 SDRAM operation, please refer to Samsung’s Device operation & Timing diagram. E7 (DDR2-800) E6 (DDR2-667) D5 (DDR2-533) CC (DDR2-400) Unit Speed@CL3 400 400 400 400 Mbps Speed@CL4 533 533 533 400 Mbps Speed@CL5 800 667 533 -Mbps CL-tRCD-tRP 5-5-5 5-5-5 4-4-4 3-3-3 CK Address Configuration Organization Row Address Column Address Bank Address Auto Precharge 64Mx8(512Mb) based Module A0-A13 A0-A9 BA0-BA1 A10 32Mx16(512Mb) based Module A0-A12 A0-A9 BA0-BA1 A10 |
Similar Part No. - M391T2953CZ0-CE7 |
|
Similar Description - M391T2953CZ0-CE7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |