Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M391T2953CZ3-CD5 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # M391T2953CZ3-CD5
Description  DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M391T2953CZ3-CD5 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button M391T2953CZ3-CD5 Datasheet HTML 5Page - Samsung semiconductor M391T2953CZ3-CD5 Datasheet HTML 6Page - Samsung semiconductor M391T2953CZ3-CD5 Datasheet HTML 7Page - Samsung semiconductor M391T2953CZ3-CD5 Datasheet HTML 8Page - Samsung semiconductor M391T2953CZ3-CD5 Datasheet HTML 9Page - Samsung semiconductor M391T2953CZ3-CD5 Datasheet HTML 10Page - Samsung semiconductor M391T2953CZ3-CD5 Datasheet HTML 11Page - Samsung semiconductor M391T2953CZ3-CD5 Datasheet HTML 12Page - Samsung semiconductor M391T2953CZ3-CD5 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Rev. 1.2 Aug. 2005
256MB, 512MB, 1GB Unbuffered DIMMs
DDR2 SDRAM
S0
DQS0
DQS0
DM0
DM
CS DQS DQS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D0
DQS1
DQS1
DM1
DM
CS DQS DQS
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D1
DQS2
DQS2
DM2
DM
CS DQS DQS
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D2
DQS3
DQS3
DM3
DM
CS DQS DQS
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D3
DQS4
DQS4
DM4
DM
CS DQS DQS
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D4
DQS5
DQS5
DM5
DM
CS DQS DQS
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D5
DQS6
DQS6
DM6
DM
CS DQS DQS
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D6
DQS7
DQS7
DM7
DM
CS DQS DQS
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D7
Notes :
1. DQ,DM, DQS/DQS resistors : 22 Ohms
± 5%.
2. BAx, Ax, RAS, CAS, WE resistors : 3 Ohms
± 5%.
Functional Block Diagram: 1GB, 128Mx72 ECC Module(Populated as 2 ranks of x8 DDR2 SDRAMs)
A0
Serial PD
A1
A2
SA0
SA1
SA2
SCL
SDA
WP
*Wire per Clock Loading
Table/Wiring Diagrams
* Clock Wiring
Clock
Input
DDR2 SDRAMs
*CK0/
CK0
*CK1/
CK1
*CK2/
CK2
6 DDR2 SDRAMs
6 DDR2 SDRAMs
6 DDR2 SDRAMs
VSS
D0 - D17
VDD/VDDQ
D0 - D17
D0 - D17
VREF
VDDSPD
Serial PD
A0 - A13
A0-A13 : DDR2 SDRAMs D0 - D17
WE
WE : DDR2 SDRAMs D0 - D17
CKE1
CKE : DDR2 SDRAMs D9 - D17
BA0 - BA1
BA0-BA1 : DDR2 SDRAMs D0 - D17
ODT0
ODT : DDR2 SDRAMs D0 - D8
DM
CS DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D9
DM
CS DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D10
DM
CS DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D11
DM
CS DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D12
DM
CS DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D13
DM
CS DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D14
DM
CS DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D15
DM
CS DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D16
S1
CKE0
CKE : DDR2 SDRAMs D0 - D8
RAS
RAS : DDR2 SDRAMs D0 - D17
CAS
CAS : DDR2 SDRAMs D0 - D17
ODT1
ODT : DDR2 SDRAMs D9 - D17
DQS8
DQS8
DM8
DM
CS DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D8
DM
CS DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D17
CB0
CB1
CB2
CB3
CB4
CB5
CB6
CB7
M391T2953CZ3 / M391T2953CZ0


Similar Part No. - M391T2953CZ3-CD5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M391T2953BG0-CC SAMSUNG-M391T2953BG0-CC Datasheet
367Kb / 23P
   DDR2 Unbuffered SDRAM MODULE
M391T2953BG0-CD5/CC SAMSUNG-M391T2953BG0-CD5/CC Datasheet
367Kb / 23P
   DDR2 Unbuffered SDRAM MODULE
M391T2953BGZ0-CD5/CC SAMSUNG-M391T2953BGZ0-CD5/CC Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M391T2953BGZ3-CD5/CC SAMSUNG-M391T2953BGZ3-CD5/CC Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
More results

Similar Description - M391T2953CZ3-CD5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378T3354BG3-CD5 SAMSUNG-M378T3354BG3-CD5 Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
M393T6553CZ3 SAMSUNG-M393T6553CZ3 Datasheet
476Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb C-die 72-bit ECC
M368L3324BT SAMSUNG-M368L3324BT Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M368L1624DTM SAMSUNG-M368L1624DTM Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L3223ETM-CC5 SAMSUNG-M368L3223ETM-CC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
M393T6553BG SAMSUNG-M393T6553BG Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
logo
Sanken electric
M368L1624FTM SANKEN-M368L1624FTM Datasheet
445Kb / 25P
   184pin Unbuffered Module based on 256Mb F-die with 64/72-bit Non-ECC / ECC
logo
Samsung semiconductor
M470T3354CZ3 SAMSUNG-M470T3354CZ3 Datasheet
328Kb / 18P
   DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 512Mb C-die 64bit Non-ECC
M368L3324DUS SAMSUNG-M368L3324DUS Datasheet
463Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb D-die with 64/72-bit Non ECC/ECC 66 TSOP-II with Pb-Free (RoHS compliant)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com