Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24L02FVT-W Datasheet(PDF) 5 Page - Rohm

Part # BR24L02FVT-W
Description  IC BUS 2Kbit (256 x 8bit) EEPROM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24L02FVT-W Datasheet(HTML) 5 Page - Rohm

  BR24L02FVT-W Datasheet HTML 1Page - Rohm BR24L02FVT-W Datasheet HTML 2Page - Rohm BR24L02FVT-W Datasheet HTML 3Page - Rohm BR24L02FVT-W Datasheet HTML 4Page - Rohm BR24L02FVT-W Datasheet HTML 5Page - Rohm BR24L02FVT-W Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BR24L02-W / BR24L02F-W / BR24L02FJ-W /
Memory ICs
BR24L02FV-W / BR24L02FVM-W
5/25
AC operating characteristics (Unless otherwise specified Ta=
−40 to 85°C, VCC=1.8 to 5.5V)
Parameter
Symbol
Fast-mode
2.5V
≤ Vcc ≤ 5.5V
Standard-mode
1.8V
≤ Vcc ≤ 5.5V
Unit
fSCL
kHz
tHIGH
Noise spike width (SDA and SCL)
tWR
tl
ms
Data clock "HIGH" period
Clock frequency
µs
Data clock "LOW" period
tLOW
µs
SDA and SCL rise time
∗1
∗1
∗1 Not 100% tested.
tR
µs
SDA and SCL fall time
tF
µs
Start condition hold time
tHD:STA
µs
Start condition setup time
tSU:STA
µs
Input data hold time
tHD:DAT
ns
Input data setup time
tSU:DAT
ns
Output data delay time
Output data hold time
tPD
µs
Stop condition setup time
tDH
µs
Bus free time
tSU:STO
µs
tBUF
Min.
0.6
1.2
0.6
0.6
0
100
0.1
0.1
0.6
1.2
Typ.
Max.
400
5
0.3
0.3
0.9
Min.
4.0
4.7
4.0
4.7
0
250
0.2
0.2
4.7
4.7
Typ.
Max.
100
tSU:WP
WP high period
µs
0.1
−−
0.1
−−
5
0.1
1.0
0.3
3.5
WP setup time
tHD:WP
ns
µs
0
0.1
0
−µs
Write cycle time
WP hold time
tHIGH:WP
µs
1.0
−−
1.0
−−


Similar Part No. - BR24L02FVT-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24L02FVT-WE2 ROHM-BR24L02FVT-WE2 Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L02FVT-WTR ROHM-BR24L02FVT-WTR Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
More results

Similar Description - BR24L02FVT-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L020-W ROHM-BR25L020-W Datasheet
335Kb / 6P
   SPI BUS 2Kbit (256 x 8bit) EEPROM
BR93H56-W ROHM-BR93H56-W Datasheet
257Kb / 6P
   Microwire Bus 2Kbit (128 x 16bit) EEPROM
BR93L56-W ROHM-BR93L56-W Datasheet
338Kb / 6P
   Microwire BUS 2Kbit(128 x 16bit) EEPROM
BR93A56-W ROHM-BR93A56-W Datasheet
254Kb / 6P
   Microwire BUS 2Kbit(128 x 16bit) EEPROM
BU99022NUX-3 ROHM-BU99022NUX-3 Datasheet
585Kb / 26P
   I2C BUS 2kbit 2kbit 2ports serial EEPROM
BR25L160-W ROHM-BR25L160-W Datasheet
321Kb / 6P
   SPI BUS 16Kbit (2,048 x 8bit) EEPROM
BR25L320-W ROHM-BR25L320-W Datasheet
285Kb / 6P
   SPI BUS 32Kbit (4,096 x 8bit) EEPROM
BR24L32-W ROHM-BR24L32-W Datasheet
303Kb / 6P
   I2C BUS 32Kbit (4,096 x 8bit) EEPROM
BR24L01A-W ROHM-BR24L01A-W Datasheet
315Kb / 6P
   I2C BUS 1Kbit (128 x 8bit) EEPROM
BR25L080-W ROHM-BR25L080-W Datasheet
328Kb / 6P
   SPI BUS 8Kbit (1,024 x 8bit) EEPROM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com