Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78871AQ Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM78871AQ
Description  8-BIT MICRO-CONTROLLER
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78871AQ Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM78871AQ Datasheet HTML 1Page - ELAN Microelectronics Corp EM78871AQ Datasheet HTML 2Page - ELAN Microelectronics Corp EM78871AQ Datasheet HTML 3Page - ELAN Microelectronics Corp EM78871AQ Datasheet HTML 4Page - ELAN Microelectronics Corp EM78871AQ Datasheet HTML 5Page - ELAN Microelectronics Corp EM78871AQ Datasheet HTML 6Page - ELAN Microelectronics Corp EM78871AQ Datasheet HTML 7Page - ELAN Microelectronics Corp EM78871AQ Datasheet HTML 8Page - ELAN Microelectronics Corp EM78871AQ Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
EM78871
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to be changed without notice.
8/23/04 (V1.5)
4
I.General Description
The EM78871 is an 8-bit CID (Call Identification) RISC type microprocessor with low power, high speed CMOS
technology. Integrated onto a single chip are on chip watchdog (WDT), RAM, program ROM, programmable real time
clock/counter, external/internal interrupt, power down mode, LCD driver, FSK decoder, Call waiting decoder, DTMF
receiver, Programming Tone generator, build-in KEY TONE clock generation, Comparator and tri-state I/O. The
EM78871 provides a single chip solution to design a CID of calling message display.
II.Feature
CPU
•Operating voltage range : 2.2V~5.5V(Normal mode), 2.0V~5.5V(Green mode)
•32K×13 on chip Program ROM
•4K×8 on chip data RAM
•144 byte working register
•Up to 51 bi-directional tri-state I/O ports (32 shared with LCD Segment pins)
•IO with internal Pull high, wake-up and interrupt functions
•STACK: 32 level stack for subroutine nesting
•TCC: 8-bit real time clock/counter (TCC) with 8-bit prescaler
•COUNTER1: 8-bit counter with 8-bit prescaler can be an interrupt source
•COUNTER2: 8-bit counter with 8-bit prescaler can be an interrupt source
•Watch Dog : Programmable free running on chip watchdog timer
•CPU modes:
Mode
CPU status
Main clock
32.768kHz clock status
Sleep mode
Turn off
Turn off
Turn off
Green mode
Turn on
Turn off
Turn on
Normal mode
Turn on
Turn on
Turn on
•13 interrupt source , 8 external , 5 internal
•Key Scan : Port key scan function up to 16x4 keys
•Sub-Clock: 32.768KHz crystal
•Main-clock: 3.5862MHz multiplied by 0.25, 0.5, 1 or 3 generated by internal PLL
•Key tone output :4KHz, 2KHz ,1KHz (shared with IO)
•Comparator: 3-channel comparators: internal (16 level) or external reference voltage. (shared with IO)
•Serial Peripheral Interface (SPI): Interrupt flag available for the read buffer full, Programmable baud rates of
communication, Three-wire synchronous communication. (shared with IO)
Current D/A
•Operation Voltage : 2.5V∼5.5V
•7-bit resolution and 3-bit output level control
•Current DA output can drive speaker through a transistor for sound playing. (shared with IO)
Programmable Tone Generators
•Operation Voltage 2.2V∼5.5V
•Programmable Tone1 and Tone2 generators
•Independent single tone generation for Tone1 and Tone2
•Mixed dual tone generation by Tone1 and Tone2 with 2dB difference
•Can be programmed for DTMF tone generation
•Can be programmed for FSK signal (Bell202 or V.23) generation
CID
•Operation Voltage 2.7V∼5.5V for FSK
•Operation Voltage 2.7V∼5.5V for DTMF receiver
•Compatible with Bellcore GR-30-CORE (formerly as TR-NWT-000030)
•Compatible with British Telecom (BT) SIN227 & SIN242
•FSK demodulator for Bell 202 and ITU-T V.23 (formerly as CCITT V.23)
CALL WAITING
•Operation Voltage 2.6V∼5.5V


Similar Part No. - EM78871AQ

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78870 EMC-EM78870 Datasheet
48Kb / 4P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78871AQ

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com