Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHLF6930Z4 Datasheet(PDF) 7 Page - International Rectifier

Part # IRHLF6930Z4
Description  RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHLF6930Z4 Datasheet(HTML) 7 Page - International Rectifier

  IRHLF6930Z4 Datasheet HTML 1Page - International Rectifier IRHLF6930Z4 Datasheet HTML 2Page - International Rectifier IRHLF6930Z4 Datasheet HTML 3Page - International Rectifier IRHLF6930Z4 Datasheet HTML 4Page - International Rectifier IRHLF6930Z4 Datasheet HTML 5Page - International Rectifier IRHLF6930Z4 Datasheet HTML 6Page - International Rectifier IRHLF6930Z4 Datasheet HTML 7Page - International Rectifier IRHLF6930Z4 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.irf.com
7
Pre-Irradiation
IRHLF6970Z4
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
QG
QGS
QGD
VG
Charge
-5.0V
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
-12V
R G
IAS
0.01
t p
D.U .T
L
V DS
VDD
DRIV E R
A
15V
-20V
tp
V ( BR ) DSS
I AS
VGS
VDD
+
-
25
50
75
100
125
150
0
5
10
15
20
25
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
-0.7A
-1.0A
-1.6A


Similar Part No. - IRHLF6930Z4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLF630Z4 IRF-IRHLF630Z4 Datasheet
149Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
IRHLF640Z4 IRF-IRHLF640Z4 Datasheet
149Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
IRHLF670Z4 IRF-IRHLF670Z4 Datasheet
149Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
IRHLF680Z4 IRF-IRHLF680Z4 Datasheet
149Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
More results

Similar Description - IRHLF6930Z4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLG77214 IRF-IRHLG77214 Datasheet
207Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE
IRHLG7670Z4 IRF-IRHLG7670Z4 Datasheet
314Kb / 16P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (MO-036AB)
IRHLF770Z4 IRF-IRHLF770Z4 Datasheet
150Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (TO-39)
IRHLG7970Z4 IRF-IRHLG7970Z4 Datasheet
225Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (MO-036AB
IRHLF7970Z4 IRF-IRHLF7970Z4 Datasheet
155Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (TO-39)
RHLG77110 IRF-RHLG77110 Datasheet
215Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (MO-036AB
IRHLF77110 IRF-IRHLF77110 Datasheet
206Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (TO-39)
IRHLYS797034CM IRF-IRHLYS797034CM Datasheet
207Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHLA7970Z4 IRF-IRHLA7970Z4 Datasheet
228Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (14-LEAD FLAT PACK
IRHLA7670Z4 IRF-IRHLA7670Z4 Datasheet
321Kb / 16P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (14-LEAD FLAT PACK)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com