Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT49FCT805CT Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT49FCT805CT
Description  FAST CMOS BUFFER/CLOCK DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49FCT805CT Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT49FCT805CT Datasheet HTML 1Page - Integrated Device Technology IDT49FCT805CT Datasheet HTML 2Page - Integrated Device Technology IDT49FCT805CT Datasheet HTML 3Page - Integrated Device Technology IDT49FCT805CT Datasheet HTML 4Page - Integrated Device Technology IDT49FCT805CT Datasheet HTML 5Page - Integrated Device Technology IDT49FCT805CT Datasheet HTML 6Page - Integrated Device Technology IDT49FCT805CT Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
MILITARYANDCOMMERCIALTEMPERATURERANGES
IDT49FCT805BT/CT
FAST CMOSBUFFER/CLOCKDRIVER
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V); all other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
5. Values for these conditions are examples of the IC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fONO)
ICC = Quiescent Current (ICCL, ICCH and ICCZ)
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fO = Output Frequency
NO = Number of Outputs at fO
All currents are in milliamps and all frequencies are in megahertz.
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Min.
Typ.(2)
Max.
Unit
∆ICC
Quiescent Power Supply Current
VCC = Max.
1
2
mA
TTL Inputs HIGH
VIN = 3.4V(3)
ICCD
Dynamic Power Supply Current(4)
VCC = Max.
VIN = VCC
60
100
µA/MHz
OutputsOpen
VIN = GND
OEA = OEB = GND
50% Duty Cycle
IC
TotalPowerSupplyCurrent(6)
VCC = Max.
VIN = VCC
1.5
3
OutputsOpen
VIN = GND
fO = 25MHz
50% Duty Cycle
VIN = 3.4V
1.8
4
OEA
= OEB = VCC
VIN = GND
Mon.OutputToggling
VCC = Max.
VIN = VCC
33
55.5
(5)
mA
OutputsOpen
VIN = GND
fO = 50MHz
50% Duty Cycle
VIN = 3.4V
33.5
57.5
(5)
OEA = OEB = GND
VIN = GND
ElevenOutputsToggling


Similar Part No. - IDT49FCT805CT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT805CT IDT-IDT49FCT805CT Datasheet
125Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT805CT RENESAS-IDT49FCT805CT Datasheet
243Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT49FCT805CTD IDT-IDT49FCT805CTD Datasheet
125Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805CTDB IDT-IDT49FCT805CTDB Datasheet
125Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805CTE IDT-IDT49FCT805CTE Datasheet
125Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
More results

Similar Description - IDT49FCT805CT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT805 IDT-IDT49FCT805_09 Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805AQGI IDT-IDT49FCT3805AQGI Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT805BT RENESAS-IDT49FCT805BT Datasheet
243Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT49FCT806 RENESAS-IDT49FCT806 Datasheet
230Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT74FCT810BT IDT-IDT74FCT810BT Datasheet
107Kb / 6P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805 IDT-IDT49FCT805 Datasheet
126Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT806 IDT-IDT49FCT806_09 Datasheet
74Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805APY IDT-IDT49FCT3805APY Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
74FCT810T RENESAS-74FCT810T Datasheet
224Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT49FCT805BT IDT-IDT49FCT805BT Datasheet
125Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT805T PERICOM-PI49FCT805T Datasheet
421Kb / 8P
   Fast CMOS Buffer/Clock Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com