Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8979 Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # MT8979
Description  CEPT PCM 30/CRC-4 Frame & Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT8979 Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button MT8979 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT8979 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT8979 Datasheet HTML 9Page - Zarlink Semiconductor Inc MT8979 Datasheet HTML 10Page - Zarlink Semiconductor Inc MT8979 Datasheet HTML 11Page - Zarlink Semiconductor Inc MT8979 Datasheet HTML 12Page - Zarlink Semiconductor Inc MT8979 Datasheet HTML 13Page - Zarlink Semiconductor Inc MT8979 Datasheet HTML 14Page - Zarlink Semiconductor Inc MT8979 Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
MT8979
Data Sheet
11
Zarlink Semiconductor Inc.
Framing Algorithms
There are three distinct framers within the MT8979. These include a frame alignment signal framer, a multiframe
framer and a CRC framer. Figure 13 shows the state diagram of the framing algorithms. The dotted lines shows
optional features, which are enabled in the maintenance mode.
The frame synchronization circuit searches for the first frame alignment signal within the bit stream. Once
detected, the frame counters are set to find the non-frame alignment signal. If bit 2 of the non-frame alignment
signal is not one, a new search is initiated, else the framer will monitor for the frame alignment in the next frame. If
the frame alignment signal is found, the device immediately declares frame synchronization.
The multiframe synchronization algorithm is dependent upon the state of frame alignment framer. The multiframe
framer will not initiate a search for multiframe synchronization until frame sync is achieved.
Multiframe
synchronization will be declared on the first occurrence of four consecutive zeros in the higher order quartet of
channel 16. Once multiframe synchronization is achieved, the framer will only go out of synchronization after
detection of two errors in the multiframe signal or loss of frame alignment synchronization.
The CRC synchronization algorithm is also dependent on the state of the frame alignment framer, but is
independent of the multiframe synchronization. The CRC framer will not initate a search for CRC framing signal
until frame alignment synchronization is achieved. Once frame alignment synchronization is acquired, the CRC
framer must find two framing signals in bit 1 of the non-frame alignment signal. Upon detection of the second CRC
framing signal the MT8979 will immediately go into CRC synchronization. When maintenance feature is enabled
(maint bit = 1) the CRC framer will force a complete reframe of the device if CRC frame synchronization is not found
within 8 ms or more than 914 CRC errors occur per second.


Similar Part No. - MT8979

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8979 MITEL-MT8979 Datasheet
340Kb / 26P
   ISO-CMOS ST-BUS??FAMILY CEPT PCM 30/CRC-4 Framer & Interface
MT8979AC MITEL-MT8979AC Datasheet
340Kb / 26P
   ISO-CMOS ST-BUS??FAMILY CEPT PCM 30/CRC-4 Framer & Interface
MT8979AE MITEL-MT8979AE Datasheet
340Kb / 26P
   ISO-CMOS ST-BUS??FAMILY CEPT PCM 30/CRC-4 Framer & Interface
MT8979AP MITEL-MT8979AP Datasheet
340Kb / 26P
   ISO-CMOS ST-BUS??FAMILY CEPT PCM 30/CRC-4 Framer & Interface
More results

Similar Description - MT8979

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH89790B MITEL-MH89790B Datasheet
488Kb / 32P
   ST-BUS??FAMILY CEPT PCM 30/CRC-4 Framer & Interface Preliminary Information
MT8979 MITEL-MT8979 Datasheet
340Kb / 26P
   ISO-CMOS ST-BUS??FAMILY CEPT PCM 30/CRC-4 Framer & Interface
MH89791 MITEL-MH89791 Datasheet
119Kb / 4P
   CEPT PCM 30 Transmit Equalizer Advance Information
logo
Sames
SA9101 SAMES-SA9101 Datasheet
711Kb / 40P
   PCM FRAME ALIGNER
SA2030 SAMES-SA2030 Datasheet
218Kb / 12P
   PCM FRAME ALIGNER
logo
Texas Instruments
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
logo
Rhombus Industries Inc.
T-13800 RHOMBUS-IND-T-13800 Datasheet
34Kb / 1P
   Transformers for T1 / CEPT / PCM Applications
logo
Exar Corporation
XRT5683A EXAR-XRT5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XR-T5683A EXAR-XR-T5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XRT5683AIP-F EXAR-XRT5683AIP-F Datasheet
93Kb / 12P
   PCM Line Interface Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com