Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-513G-0I000 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # 5082-513G-0I000
Description  14.22 mm (0.56 inch) General Purpose Seven-Segment Display
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-513G-0I000 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  5082-513G-0I000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-513G-0I000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-513G-0I000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-513G-0I000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-513G-0I000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-513G-0I000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-513G-0I000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-513G-0I000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-513G-0I000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Color Bin Limits (nm at 10 mA)
Dominant Wavelength (nm)
Color
Bin
Min.[1]
Max.[1]
Green
3
569.1
571.0
4
571.1
573.0
5
573.1
575.0
Yellow
1
585.5
588.5
2
588.5
591.5
3
591.5
594.5
Note:
1. Tolerance for each bin limit is 1 nm.
Yellow
Device
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity/Segment
IV
1.03
mcd
IF = 5 mA
1.251
2.600
mcd
IF = 10 mA
Forward Voltage
VF
2.15
2.60
V
IF = 20 mA
Peak Wavelength
λPEAK
595
nm
Dominant Wavelength
λd
590
nm
Reverse Voltage
VR
5
V
IR = 100
µA
511Y
513Y
AlGaAs Red
Device
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity/Segment
IV
4.93
mcd
IF = 5 mA
3.201
6.500
mcd
IF = 10 mA
Forward Voltage
VF
1.85
2.00
V
IF = 20 mA
Peak Wavelength
λPEAK
660
nm
Dominant Wavelength
λd
643
nm
Reverse Voltage
VR
5
V
IR = 100
µA
511A
513A
Intensity Bin Limits (mcd at 10 mA)
Bin
HER/Green
Yellow
AlGaAs Red
Name
Min.[1]
Max.[1]
Min.[1]
Max.[1]
Min.[1]
Max.[1]
H
NA
NA
1.251
2.000
NA
NA
I
2.001
3.200
2.001
3.200
NA
NA
J
3.201
5.050
3.201
5.050
3.201
5.050
K
5.051
8.000
NA
NA
5.051
8.000
L
NA
NA
NA
NA
8.001
12.650
Note:
1. Tolerance for each bin limit is
± 10%.


Similar Part No. - 5082-513G-0I000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-5501-00000 HP-5082-5501-00000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5501-0E000 HP-5082-5501-0E000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5501-0F000 HP-5082-5501-0F000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5501-0G000 HP-5082-5501-0G000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5501-0H000 HP-5082-5501-0H000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
More results

Similar Description - 5082-513G-0I000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-513E AVAGO-HDSP-513E Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
HDSP-511X AVAGO-HDSP-511X Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-521A HP-HDSP-521A Datasheet
336Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-521A AVAGO-HDSP-521A Datasheet
55Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
Broadcom Corporation.
HDSP-521A BOARDCOM-HDSP-521A Datasheet
131Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
Lite-On Technology Corp...
LTS-6680E LITEON-LTS-6680E Datasheet
127Kb / 5P
   0.56 inch (14.22 mm) digit height single digit seven-segment display.
logo
Agilent(Hewlett-Packard...
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-50XB AVAGO-HDSP-50XB Datasheet
195Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-331X HP-HDSP-331X Datasheet
88Kb / 14P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-331X AVAGO-HDSP-331X Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com