Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1C20Q400I6ES Datasheet(PDF) 6 Page - Altera Corporation

Part # EP1C20Q400I6ES
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C20Q400I6ES Datasheet(HTML) 6 Page - Altera Corporation

Back Button EP1C20Q400I6ES Datasheet HTML 2Page - Altera Corporation EP1C20Q400I6ES Datasheet HTML 3Page - Altera Corporation EP1C20Q400I6ES Datasheet HTML 4Page - Altera Corporation EP1C20Q400I6ES Datasheet HTML 5Page - Altera Corporation EP1C20Q400I6ES Datasheet HTML 6Page - Altera Corporation EP1C20Q400I6ES Datasheet HTML 7Page - Altera Corporation EP1C20Q400I6ES Datasheet HTML 8Page - Altera Corporation EP1C20Q400I6ES Datasheet HTML 9Page - Altera Corporation EP1C20Q400I6ES Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 94 page
background image
6
Altera Corporation
Cyclone FPGA Family Data Sheet
Preliminary Information
Logic Array
Blocks
Each LAB consists of 10 LEs, LE carry chains, LAB control signals, a local
interconnect, look-up table (LUT) chain, and register chain connection
lines. The local interconnect transfers signals between LEs in the same
LAB. LUT chain connections transfer the output of one LE’s LUT to the
adjacent LE for fast sequential LUT connections within the same LAB.
Register chain connections transfer the output of one LE’s register to the
adjacent LE’s register within an LAB. The Quartus® II Compiler places
associated logic within an LAB or adjacent LABs, allowing the use of local,
LUT chain, and register chain connections for performance and area
efficiency. Figure 2 details the Cyclone LAB.
Figure 2. Cyclone LAB Structure
Direct link
interconnect from
adjacent block
Direct link
interconnect to
adjacent block
Row Interconnect
Column Interconnect
Local Interconnect
LAB
Direct link
interconnect from
adjacent block
Direct link
interconnect to
adjacent block


Similar Part No. - EP1C20Q400I6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20Q400I6ES ALTERA-EP1C20Q400I6ES Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP1C20Q400I6ES ALTERA-EP1C20Q400I6ES Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C20Q400I6ES ALTERA-EP1C20Q400I6ES Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C20Q400I6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com