Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1C3F400C7ES Datasheet(PDF) 9 Page - Altera Corporation

Part # EP1C3F400C7ES
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C3F400C7ES Datasheet(HTML) 9 Page - Altera Corporation

Back Button EP1C3F400C7ES Datasheet HTML 5Page - Altera Corporation EP1C3F400C7ES Datasheet HTML 6Page - Altera Corporation EP1C3F400C7ES Datasheet HTML 7Page - Altera Corporation EP1C3F400C7ES Datasheet HTML 8Page - Altera Corporation EP1C3F400C7ES Datasheet HTML 9Page - Altera Corporation EP1C3F400C7ES Datasheet HTML 10Page - Altera Corporation EP1C3F400C7ES Datasheet HTML 11Page - Altera Corporation EP1C3F400C7ES Datasheet HTML 12Page - Altera Corporation EP1C3F400C7ES Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 94 page
background image
Altera Corporation
9
Preliminary Information
Cyclone FPGA Family Data Sheet
Logic Elements
The smallest unit of logic in the Cyclone architecture, the LE, is compact
and provides advanced features with efficient logic utilization. Each LE
contains a four-input LUT, which is a function generator that can
implement any function of four variables. In addition, each LE contains a
programmable register and carry chain with carry select capability. A
single LE also supports dynamic single bit addition or subtraction mode
selectable by an LAB-wide control signal. Each LE drives all types of
interconnects: local, row, column, LUT chain, register chain, and direct
link interconnects. See Figure 5.
Figure 5. Cyclone LE
labclk1
labclk2
labclr2
labpre/aload
Carry-In1
Carry-In0
LAB Carry-In
Clock &
Clock Enable
Select
LAB Carry-Out
Carry-Out1
Carry-Out0
Look-Up
Table
(LUT)
Carry
Chain
Row, column,
and direct link
routing
Row, column,
and direct link
routing
Programmable
Register
PRN/ALD
CLRN
D
Q
ENA
Register Bypass
Packed
Register Select
Chip-Wide
Reset
labclkena1
labclkena2
Synchronous
Load and
Clear Logic
LAB-wide
Synchronous
Load
LAB-wide
Synchronous
Clear
Asynchronous
Clear/Preset/
Load Logic
data1
data2
data3
data4
LUT chain
routing to next LE
labclr1
Local Routing
Register chain
output
ADATA
addnsub
Register
Feedback
Register chain
routing from
previous LE


Similar Part No. - EP1C3F400C7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C3F400C7ES ALTERA-EP1C3F400C7ES Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP1C3F400C7ES ALTERA-EP1C3F400C7ES Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C3F400C7ES ALTERA-EP1C3F400C7ES Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C3F400C7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com