Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1C3F400C7ES Datasheet(PDF) 4 Page - Altera Corporation

Part # EP1C3F400C7ES
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C3F400C7ES Datasheet(HTML) 4 Page - Altera Corporation

  EP1C3F400C7ES Datasheet HTML 1Page - Altera Corporation EP1C3F400C7ES Datasheet HTML 2Page - Altera Corporation EP1C3F400C7ES Datasheet HTML 3Page - Altera Corporation EP1C3F400C7ES Datasheet HTML 4Page - Altera Corporation EP1C3F400C7ES Datasheet HTML 5Page - Altera Corporation EP1C3F400C7ES Datasheet HTML 6Page - Altera Corporation EP1C3F400C7ES Datasheet HTML 7Page - Altera Corporation EP1C3F400C7ES Datasheet HTML 8Page - Altera Corporation EP1C3F400C7ES Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 94 page
background image
4
Altera Corporation
Cyclone FPGA Family Data Sheet
Preliminary Information
Functional
Description
Cyclone devices contain a two-dimensional row- and column-based
architecture to implement custom logic. Column and row interconnects of
varying speeds provide signal interconnects between LABs and
embedded memory blocks.
The logic array consists of LABs, with 10 LEs in each LAB. An LE is a small
unit of logic providing efficient implementation of user logic functions.
LABs are grouped into rows and columns across the device. Cyclone
devices range between 2,910 to 20,060 LEs.
M4K RAM blocks are true dual-port memory blocks with 4K bits of
memory plus parity (4,608 bits). These blocks provide dedicated true
dual-port, simple dual-port, or single-port memory up to 36-bits wide at
up to 200 MHz. These blocks are grouped into columns across the device
in between certain LABs. Cyclone devices offer between 60 to 288 Kbits of
embedded RAM.
Each Cyclone device I/O pin is fed by an I/O element (IOE) located at the
ends of LAB rows and columns around the periphery of the device. I/O
pins support various single-ended and differential I/O standards, such as
the 66-MHz, 32-bit PCI standard and the LVDS I/O standard at up to
311 Mbps. Each IOE contains a bidirectional I/O buffer and three registers
for registering input, output, and output-enable signals. Dual-purpose
DQS, DQ, and DM pins along with delay chains (used to phase-align DDR
signals) provide interface support with external memory devices such as
DDR SDRAM, and FCRAM devices at up to 133 MHz (266 Mbps).
Cyclone devices provide a global clock network and up to two PLLs. The
global clock network consists of eight global clock lines that drive
throughout the entire device. The global clock network can provide clocks
for all resources within the device, such as IOEs, LEs, and memory blocks.
The global clock lines can also be used for control signals. Cyclone PLLs
provide general-purpose clocking with clock multiplication and phase
shifting as well as external outputs for high-speed differential I/O
support.
Figure 1 shows a diagram of the Cyclone EP1C12 device.


Similar Part No. - EP1C3F400C7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C3F400C7ES ALTERA-EP1C3F400C7ES Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP1C3F400C7ES ALTERA-EP1C3F400C7ES Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C3F400C7ES ALTERA-EP1C3F400C7ES Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C3F400C7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com