Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1026CEUA Datasheet(PDF) 11 Page - Microchip Technology

Part # TC1026CEUA
Description  Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1026CEUA Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC1026CEUA Datasheet HTML 7Page - Microchip Technology TC1026CEUA Datasheet HTML 8Page - Microchip Technology TC1026CEUA Datasheet HTML 9Page - Microchip Technology TC1026CEUA Datasheet HTML 10Page - Microchip Technology TC1026CEUA Datasheet HTML 11Page - Microchip Technology TC1026CEUA Datasheet HTML 12Page - Microchip Technology TC1026CEUA Datasheet HTML 13Page - Microchip Technology TC1026CEUA Datasheet HTML 14Page - Microchip Technology TC1026CEUA Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
© 2002 Microchip Technology Inc.
DS21725B-page 11
TC1026
5.0
TYPICAL CHARACTERISTICS (CONTINUED)
6
45
3
12
Supply Current vs. Supply Voltage
14
12
10
8
6
4
2
1.25
1.20
1.15
1.10
1.05
1
23
4
5
0
SUPPLY VOLTAGE (V)
TA = 85°C
TA = -40°C
TA = 25°C
Reference Voltage
vs. Supply Voltage
SUPPLY VOLTAGE (V)


Similar Part No. - TC1026CEUA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1026COA TELCOM-TC1026COA Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
TC1026CPA TELCOM-TC1026CPA Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
TC1026CUA TELCOM-TC1026CUA Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
More results

Similar Description - TC1026CEUA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1026 TELCOM-TC1026 Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
TC1031 TELCOM-TC1031 Datasheet
22Kb / 1P
   LINEAR BUILDING BLOCK - LOW POWER COMPARATOR AND VOLTAGE REFERENCE
logo
Microchip Technology
TC1043 MICROCHIP-TC1043 Datasheet
508Kb / 20P
   Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
2002
TC1027 MICROCHIP-TC1027 Datasheet
486Kb / 18P
   Linear Building Block - Quad Low Power Comparator and Voltage Reference
2002
logo
TelCom Semiconductor, I...
TC1027 TELCOM-TC1027 Datasheet
28Kb / 1P
   LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE
TC43 TELCOM-TC43 Datasheet
75Kb / 6P
   LINEAR BUILDING BLOCK - VOLTAGE REFERENCE, DUAL OP AMP, DUAL COMPARATOR WITH SHUTDOWN MODE
TC1028 TELCOM-TC1028 Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE WITH SHUTDOWN
logo
Microchip Technology
TC1040 MICROCHIP-TC1040 Datasheet
444Kb / 14P
   Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
TC1031 MICROCHIP-TC1031 Datasheet
430Kb / 12P
   Linear Building Block . Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2002
TC1041 MICROCHIP-TC1041 Datasheet
443Kb / 14P
   Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com