Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16705 Datasheet(PDF) 10 Page - NEC

Part # UPD16705
Description  263/256-OUTPUT TFT-LCD GATE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16705 Datasheet(HTML) 10 Page - NEC

Back Button UPD16705 Datasheet HTML 4Page - NEC UPD16705 Datasheet HTML 5Page - NEC UPD16705 Datasheet HTML 6Page - NEC UPD16705 Datasheet HTML 7Page - NEC UPD16705 Datasheet HTML 8Page - NEC UPD16705 Datasheet HTML 9Page - NEC UPD16705 Datasheet HTML 10Page - NEC UPD16705 Datasheet HTML 11Page - NEC UPD16705 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Data Sheet S15818EJ1V0DS
10
µµµµPD16705
7. RECOMMENDED MOUNTING CONDITIONS
The following conditions must be met for mounting conditions of the
µPD16705.
For more details, refer to the Semiconductor Device Mounting Technology Manual (C10535E).
Please consult with our sales offices in case other mounting process is used, or in case the mounting is done under
different conditions.
µPD16705N-xxx: TCP (TAB Package)
Mounting Condition
Mounting Method
Condition
Thermocompression
Soldering
Heating tool 300 to 350
°C, heating for 2 to 3 seconds, pressure 100g (per
solder)
ACF
(Adhesive
Conductive Film)
Temporary bonding 70 to 100
°C, pressure 3 to 8 kg/cm2, time 3 to 5 sec.
Real bonding 165 to 180
°C, pressure 25 to 45 kg/cm2, time 30 to 40 sec.
(When using the anisotropy conductive film SUMIZAC1003 of Sumitomo
Bakelite, Ltd).
Caution To find out the detailed conditions for mounting the ACF part, please contact the ACF
manufacturing company. Be sure to avoid using two or more mounting methods at a time.


Similar Part No. - UPD16705

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16705 RENESAS-UPD16705 Datasheet
206Kb / 14P
   MOS INTEGRATED CIRCUIT
2001
UPD16705N RENESAS-UPD16705N Datasheet
206Kb / 14P
   MOS INTEGRATED CIRCUIT
2001
More results

Similar Description - UPD16705

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD16707 RENESAS-PD16707_15 Datasheet
262Kb / 23P
   263/256-OUTPUT TFT-LCD GATE DRIVER
PD16707A RENESAS-PD16707A_15 Datasheet
281Kb / 15P
   263/256-OUTPUT TFT-LCD GATE DRIVER
PD16705 RENESAS-PD16705_15 Datasheet
207Kb / 14P
   263/256-OUTPUT TFT-LCD GATE DRIVER
logo
Samsung semiconductor
KS0657 SAMSUNG-KS0657 Datasheet
110Kb / 16P
   263 / 256 CHANNEL TFT-LCD GATE DRIVER
S6C0657 SAMSUNG-S6C0657 Datasheet
116Kb / 15P
   263 / 256 CHANNEL TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16700 RENESAS-PD16700_15 Datasheet
212Kb / 14P
   256-OUTPUT TFT-LCD GATE DRIVER
logo
NEC
UPD16700 NEC-UPD16700 Datasheet
76Kb / 7P
   256-OUTPUT TFT-LCD GATE DRIVER
logo
Sharp Corporation
LH1694 SHARP-LH1694 Datasheet
123Kb / 10P
   256-output TFT-LCD Gate Driver IC
logo
Texas Instruments
MPT57605 TI-MPT57605 Datasheet
120Kb / 9P
[Old version datasheet]   256-OUTPUT TFT GATE DRIVER
logo
Samsung semiconductor
KS0647 SAMSUNG-KS0647 Datasheet
101Kb / 15P
   256 CHANNEL TFT-LCD GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com