Electronic Components Datasheet Search |
|
FX-104-CFC-D206 Datasheet(PDF) 9 Page - Vectron International, Inc |
|
FX-104-CFC-D206 Datasheet(HTML) 9 Page - Vectron International, Inc |
9 / 12 page Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com FX-104 Frequency Translator Evaluation Board Evaluation boards are available upon request. LED Lights Up When Locked Input Frequency Edge Mount SMA 3 Places Output Frequency PECL Load Voltage: Vcc- 2V For FX-101 with PECL output Place Connector in the “0” position for Enable “1” position Disable (In disable position as shown) Input Select Freq. A B f1 = 0 0 f2 = 0 1 f3 = 1 0 f4 = 1 1 VCXO Monitor Supply Voltage Ground |
Similar Part No. - FX-104-CFC-D206 |
|
Similar Description - FX-104-CFC-D206 |