Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD66765 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HD66765
Description  396-channel Segment Driver with Internal RAM for 4096-color Displays
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD66765 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HD66765 Datasheet HTML 3Page - Hitachi Semiconductor HD66765 Datasheet HTML 4Page - Hitachi Semiconductor HD66765 Datasheet HTML 5Page - Hitachi Semiconductor HD66765 Datasheet HTML 6Page - Hitachi Semiconductor HD66765 Datasheet HTML 7Page - Hitachi Semiconductor HD66765 Datasheet HTML 8Page - Hitachi Semiconductor HD66765 Datasheet HTML 9Page - Hitachi Semiconductor HD66765 Datasheet HTML 10Page - Hitachi Semiconductor HD66765 Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
HD66765
7
Preliminary
Specification
Table 1
Pin Functional Description (cont)
Signals
Number of
Pins
I/O
Connected to
Functions
DB1/SDO
1
I/O
MCU
Serves as a 16-bit bidirectional data bus.
For an 8-bit bus interface, data transfer uses DB15-
DB8; fix unused DB7-DB0 to the Vcc or GND level.
For a clock-synchronous serial interface, serves as a
serial data output pin (SDO). Successive bit values
are output on the falling edge of the SCL signal.
DB2-DB15
14
I/O
MPU
Serves as a 16-bit bidirectional data bus.
For an 8-bit bus interface, data transfer uses DB15-
DB8; fix unused DB7-DB0 to the Vcc or GND level.
SEG1–SE
G396
396
O
LCD
Output signals for segment drive. In the display-off
period (D1–0 = 00, 01) or standby mode (STB = 1), all
pins output GND level.
The SGS bit can change the shift direction of the
segment signal. For example, if SGS = 0, RAM
address 0000 is output from SEG1. If SGS = 1, it is
output from SEG396.
SEG1, SEG4, SEG7, ... display red (R), SEG2, SEG5,
SEG8, ... display green (G), and SEG3, SEG6,
SEG9, ... display blue (B) (SGS = 0).
CL1
1
O
HD66764
The one-raster-row-cycle pulse is output.
M
1
O
HD66764
The AC-cycle signal is output.
FLM
1
O
HD66764
The frame-start pulse is output.
DISPTMG
1
O
HD66764
Outputs the display period signal.
DCCLK
1
O
HD66764
Outputs clocks for the step-up.
CCL
1
O
HD66764
Clock signal for a serial transfer of register setting
values to the common driver. Data is output on the
falling edge of this clock.
CDA
1
O
HD66764
Data signal for serial transfer as register setting values
to the common driver.
CCS*
1
O
HD66764
Chip-select for the HD66764.
Low: the HD66764 is selected and can receive a serial
transfer.
High: the HD66764 is not selected and cannot receive
a serial transfer.
VSH
1
I
HD66764
Input for the LCD-drive voltage for the segment driver,
which can be provided by the HD66764’s on-chip
power supply. VSH
≤ 4.0 V
V
CC, GND
2
Power supply
V
CC: + 1.8 V to + 3.6 V; GND (logic): 0


Similar Part No. - HD66765

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66760 HITACHI-HD66760 Datasheet
653Kb / 105P
   104 X 80-dot Graphics LCD Controller/Driver for 256 Colors
HD66766R HITACHI-HD66766R Datasheet
665Kb / 97P
   132 x 176-dot Graphics LCD Controller/Driver for 65K Colors
More results

Similar Description - HD66765

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6820 NJRC-NJU6820 Datasheet
941Kb / 101P
   40-common x 128RGB-Segment, in 4096-Color 4096-Color STN LCD DRIVER
logo
List of Unclassifed Man...
HX8302A ETC-HX8302A Datasheet
125Kb / 1P
   396 CHANNEL 65536 COLOR TFT SOURCE DRIVER WITH INTENAL RAM
logo
Hitachi Semiconductor
EHD66764 HITACHI-EHD66764 Datasheet
257Kb / 38P
   176-channel Common Driver for Color Displays
logo
New Japan Radio
NJU6818 NJRC-NJU6818 Datasheet
844Kb / 102P
   80-Common X 104RGB-Segment in 4096-Color STN LCD DRIVER
logo
OKI electronic componet...
MSC5301B-02 OKI-MSC5301B-02 Datasheet
116Kb / 15P
   LCD COMMON/SEGMENT DRIVER WITH RAM
MSC5301B-01 OKI-MSC5301B-01 Datasheet
125Kb / 15P
   LCD COMMON/SEGMENT DRIVER WITH RAM
logo
Sanyo Semicon Device
LC4104C SANYO-LC4104C Datasheet
86Kb / 9P
   LCD Dot Matrix Segment Driver for STN Displays
LC4101C SANYO-LC4101C Datasheet
86Kb / 9P
   LCD Dot Matrix Segment Driver for STN Displays
logo
New Japan Radio
NJU6824 NJRC-NJU6824 Datasheet
982Kb / 110P
   128-common x (1282) RGB-Segment, in 4096-Color STN LCD DRIVER
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com