Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3637ASPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IR3637ASPBF
Description  1% ACCURATE SYNCHRONOUS PWM CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3637ASPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IR3637ASPBF Datasheet HTML 6Page - International Rectifier IR3637ASPBF Datasheet HTML 7Page - International Rectifier IR3637ASPBF Datasheet HTML 8Page - International Rectifier IR3637ASPBF Datasheet HTML 9Page - International Rectifier IR3637ASPBF Datasheet HTML 10Page - International Rectifier IR3637ASPBF Datasheet HTML 11Page - International Rectifier IR3637ASPBF Datasheet HTML 12Page - International Rectifier IR3637ASPBF Datasheet HTML 13Page - International Rectifier IR3637ASPBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
IR3637ASPbF
www.irf.com
For a general solution for unconditionally stability for any
type of output capacitors, in a wide range of ESR values
we should implement local feedback with a compensa-
tion network. The typically used compensation network
for voltage-mode controller is shown in Figure 10.
Figure 10 - Compensation network with local
feedback and its asymptotic gain plot.
In such configuration, the transfer function is given by:
The error amplifier gain is independent of the transcon-
ductance under the following condition:
By replacing ZIN and Zf according to Figure 7, the trans-
former function can be expressed as:
As known, transconductance amplifier has high imped-
ance (current source) output, therefore, consider should
be taken when loading the E/A output. It may exceed its
source/sink output current capability, so that the ampli-
fier will not be able to swing its output voltage over the
necessary range.
The compensation network has three poles and two ze-
ros and they are expressed as follows:
Cross Over Frequency:
The stability requirement will be satisfied by placing the
poles and zeros of the compensation network according
to following design rules. The consideration has been
taken to satisfy condition (14) regarding transconduc-
tance error amplifier.
1) Select the crossover frequency:
Fo < FESR and Fo ≤ (1/10 ~ 1/6)× fS
2) Select R7, so that R7 >>
3) Place first zero before LC’s resonant frequency pole.
FZ1
≅ 75% FLC
4) Place third pole at the half of the switching frequency.
C12 > 50pF
If not, change R7 selection.
5) Place R7 in (15) and calculate C10:
2
gm
1 -
gmZf
1 +
gmZIN
Ve
VOUT
=
Where:
VIN = Maximum Input Voltage
VOSC = Oscillator Ramp Voltage
Lo = Output Inductor
Co = Total Output Capacitors
C11 =
1
2π × FZ1 × R7
C12 =
1
2π × R7 × FP3
FP3 =
fS
2
C10
×
2π × Lo × Fo × Co
R7
VOSC
VIN
FP1 = 0
1
2π×C10×(R6 + R8)
FZ2 =
1
2π×C10×R6
FZ1 =
1
2π×R7×C11
FP3 =
1
C12×C11
C12+C11
2π×R7×
1
2π×R7×C12
FP2 =
1
2π×R8×C10
(
)
VOUT
VREF
R5
R6
R8
C10
C12
C11
R7
Ve
FZ1
FZ2
FP2
FP3
E/A
Zf
ZIN
Frequency
Gain(dB)
H(s) dB
Fb
Comp
gmZf >> 1
and
gmZIN >>1
---(14)
H(s)=
×
(1+sR7C11)×[1+sC10(R6+R8)]
1
sR6(C12+C11)
1+sR7
×(1+sR8C10)
[
(
)]
C12×C11
C12+C11
FO = R7×C10×
×
---(15)
VIN
VOSC
1
2π×Lo×Co


Similar Part No. - IR3637ASPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3637SPBF IRF-IR3637SPBF Datasheet
655Kb / 21P
   1% ACCURATE SYNCHRONOUS PWM CONTROLLER
IR3637STRPBF IRF-IR3637STRPBF Datasheet
655Kb / 21P
   1% ACCURATE SYNCHRONOUS PWM CONTROLLER
More results

Similar Description - IR3637ASPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3637SPBF IRF-IR3637SPBF Datasheet
655Kb / 21P
   1% ACCURATE SYNCHRONOUS PWM CONTROLLER
logo
Feeling Technology Corp...
FP5101 FEELING-FP5101 Datasheet
734Kb / 20P
   1 Channel Synchronous PWM Controller
logo
List of Unclassifed Man...
AT1392 ETC1-AT1392 Datasheet
254Kb / 8P
   1-Channel Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
   SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
ON Semiconductor
NCP3011 ONSEMI-NCP3011_15 Datasheet
369Kb / 28P
   Synchronous PWM Controller
September, 2015 ??Rev. 4
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
   Synchronous PWM Controller
June, 2011 ??Rev. 3
logo
Anachip Corp
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
   Synchronous PWM Controller
AP2007 ANACHIP-AP2007 Datasheet
181Kb / 7P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3012 ONSEMI-NCP3012 Datasheet
354Kb / 26P
   Synchronous PWM Controller
May, 2010 ??Rev. 0
NCV3020ADR2G ONSEMI-NCV3020ADR2G Datasheet
778Kb / 23P
   Synchronous PWM Controller
January, 2013 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com