Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

171822 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 171822
Description  Economy Interconnection (EI) Series Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

171822 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  171822 Datasheet HTML 1Page - List of Unclassifed Manufacturers 171822 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2172
Economy Interconnection (EI) Series Connectors
Catalogue 1654741
Revised 1-04
Dimensions are in inches and
millimetres unless otherwise
specified. Values in brackets
are metric equivalents.
Dimensions are shown for
reference purposes only.
Conversion Rate:
25.4mm = 1 inch
Products for Industrial &
Commercial Applications
Specifications subject to
change.
www.tycoelectronics.com
Standard Type Receptacle
Contacts
Material:
Pre-Tin Brass
Standard Type Receptacle
Housings for Standard
Circuit .098 [2.50]
Material:
UL 94V-0 rated, 6/6 nylon
Receptacle Connectors (Wire Applied)
Wire Size
Wire
Contact Part Numbers
Hand Tool
AWG
Ins.
Brass/Pre-Tin
Part Numbers
(mm2)
Diameter
S.T.
L.P.
30-26
.039~.055
170205-1
722561-1
(0.05~0.15)
1.00~1.40
26-20
.043~.075
170262-1
170204-1
722560-1
(0.14~0.52)
1.10~1.90
Hand Tool Instruction Sheet: IS-071J.
No. of
Dimensions
Part Numbers
Positions
ABC
Natural
2
171822-2
3
.319
8.1
.307
7.8
.370
9.4
171822-3
4
.417 10.6
.406 10.3
.469 11.9
171822-4
5
.516 13.1
.504 12.8
.567 14.4
171822-5
.437
[11.10]
.197
[5.00]
2 Position Housing
3~5 Position Housing
.272
[6.90]
.209
[5.30]
.031
[0.80]
.031
[0.80]
.079
[2.00]
A
C
B
.098
[2.50]
.059
[1.50]
Locking
Latch
.098
[2.50]
Pitch
Locking
Latch
.220
[5.60]
.031
[0.80]
.193
[4.90]
.193
[4.90]
.264
[6.70]
.157
[4.00]
.264
[6.70]
.551
[14.00]
.551
[14.00]
.228
[5.80]
.146
[3.70]
.157
[4.00]
.146
[3.70]
.031
[0.80]
Data downloaded from http://www.anglia.com - the website of Anglia - tel: 01945 474747
For the very latest product data
and news visit anglia.com


Similar Part No. - 171822

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1718229 PHOENIX-1718229 Datasheet
76Kb / 4P
   Plug - QC 1,5/13-STF
More results

Similar Description - 171822

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2042274-2 MACOM-2042274-2 Datasheet
8Mb / 111P
   Power Connectors & Interconnection Systems
1775485-1 MACOM-1775485-1 Datasheet
913Kb / 9P
   Power Connectors & Interconnection Systems
logo
FCI connector
10090098-S094VLF FCI-CONNECTOR-10090098-S094VLF Datasheet
2Mb / 8P
   D-Subminiature Connectors Economy Range
logo
Tyco Electronics
1583007 MACOM-1583007 Datasheet
94Kb / 1P
   CERTI- CRIMP II TOOL DATA SHEET EI SERIES CONNECTORS
logo
Ferroxcube Internationa...
EI22 FERROXCUBE-EI22 Datasheet
46Kb / 3P
   EI cores
EI25 FERROXCUBE-EI25 Datasheet
45Kb / 3P
   EI cores
EI40 FERROXCUBE-EI40 Datasheet
45Kb / 3P
   EI cores
EI30 FERROXCUBE-EI30 Datasheet
45Kb / 3P
   EI cores
EI35 FERROXCUBE-EI35 Datasheet
45Kb / 3P
   EI cores
EI20 FERROXCUBE-EI20 Datasheet
45Kb / 3P
   EI cores
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com