Electronic Components Datasheet Search |
|
5082-511A-HK000 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard) |
|
5082-511A-HK000 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard) |
5 / 10 page 5 Color Bin Limits (nm at 10 mA) Dominant Wavelength (nm) Color Bin Min.[1] Max.[1] Green 3 569.1 571.0 4 571.1 573.0 5 573.1 575.0 Yellow 1 585.5 588.5 2 588.5 591.5 3 591.5 594.5 Note: 1. Tolerance for each bin limit is 1 nm. Yellow Device HDSP- Parameter Symbol Min. Typ. Max. Units Test Conditions Luminous Intensity/Segment IV 1.03 mcd IF = 5 mA 1.251 2.600 mcd IF = 10 mA Forward Voltage VF 2.15 2.60 V IF = 20 mA Peak Wavelength λPEAK 595 nm Dominant Wavelength λd 590 nm Reverse Voltage VR 5 V IR = 100 µA 511Y 513Y AlGaAs Red Device HDSP- Parameter Symbol Min. Typ. Max. Units Test Conditions Luminous Intensity/Segment IV 4.93 mcd IF = 5 mA 3.201 6.500 mcd IF = 10 mA Forward Voltage VF 1.85 2.00 V IF = 20 mA Peak Wavelength λPEAK 660 nm Dominant Wavelength λd 643 nm Reverse Voltage VR 5 V IR = 100 µA 511A 513A Intensity Bin Limits (mcd at 10 mA) Bin HER/Green Yellow AlGaAs Red Name Min.[1] Max.[1] Min.[1] Max.[1] Min.[1] Max.[1] H NA NA 1.251 2.000 NA NA I 2.001 3.200 2.001 3.200 NA NA J 3.201 5.050 3.201 5.050 3.201 5.050 K 5.051 8.000 NA NA 5.051 8.000 L NA NA NA NA 8.001 12.650 Note: 1. Tolerance for each bin limit is ± 10%. |
Similar Part No. - 5082-511A-HK000 |
|
Similar Description - 5082-511A-HK000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |