Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3620CETT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3620CETT
Description  Delay Lines for High-Speed Clock Distribution Systems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3620CETT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3620CETT Datasheet HTML 1Page - Maxim Integrated Products MAX3620CETT Datasheet HTML 2Page - Maxim Integrated Products MAX3620CETT Datasheet HTML 3Page - Maxim Integrated Products MAX3620CETT Datasheet HTML 4Page - Maxim Integrated Products MAX3620CETT Datasheet HTML 5Page - Maxim Integrated Products MAX3620CETT Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Delay Lines for High-Speed Clock
Distribution Systems
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Typical ambient temperature is +25°C. See Table 1 for more information.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Maximum DC Voltage between COMMON and IOs
(IN1, IN2, OUT1, OUT2)......................................................±2.0V
Operating Temperature Range ...........................-45°C to +85°C
Storage Temperature Range .............................-55°C to +150°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Characteristic Impedance
Z0
See Table 1 clock frequency
50
MAX3620A
0.65
0.75
0.85
MAX3620B
0.90
1.00
1.10
MAX3620C
1.15
1.25
1.35
Delay Values
ZLOAD = ZSOURCE
(Note 1)
MAX3620D
1.40
1.50
1.60
ns
Delay Matching
IN2-to-OUT2 relative to IN1-to-OUT1,
ZLOAD = ZSOURCE
-20
+20
ps
MAX3620A
2.5
MAX3620B
2.1
MAX3620C
2.3
ZLOAD = ZSOURCE
(Notes 1, 2, 4)
MAX3620D
2.2
MAX3620A
4.6
MAX3620B
3.8
MAX3620C
3.1
Insertion Loss
ZLOAD >> Z SOURCE,
source termination only
(Notes 5, 6)
MAX3620D
3.4
dB
MAX3620A
450
MAX3620B
370
MAX3620C
320
Cutoff Frequency,
3dB Loss Relative to 10MHz
ZLOAD = ZSOURCE
(Note 3)
MAX3620D
300
MHz
Input Return Loss
ZLOAD = ZSOURCE, 50MHz to 1GHz
(Note 3)
12
dB
Output Return Loss
ZLOAD = ZSOURCE, 50MHz to 1GHz
(Note 3)
15
dB
Input Leakage at ±1.5V
IN1 or IN2 to grounded COMMON
-10
+10
µA
Output Leakage at ±1.5V
OUT1 or OUT2 to grounded COMMON
-10
+10
µA
MAX3620A
540
MAX3620B
620
MAX3620C
700
ZLOAD = ZSOURCE
(Notes 1, 2)
MAX3620D
760
MAX3620A
590
MAX3620B
720
MAX3620C
810
Output Transition Time
(20% to 80%)
ZLOAD >> Z SOURCE,
source termination only
(Note 5)
MAX3620D
890
ps


Similar Part No. - MAX3620CETT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX362 MAXIM-MAX362 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX3622 MAXIM-MAX3622 Datasheet
196Kb / 9P
   Low-Jitter, Precision Clock Generator with Two Outputs
Rev 0; 11/07
MAX3622CUE MAXIM-MAX3622CUE Datasheet
196Kb / 9P
   Low-Jitter, Precision Clock Generator with Two Outputs
Rev 0; 11/07
MAX3624 MAXIM-MAX3624 Datasheet
293Kb / 12P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 8/07
MAX3624A MAXIM-MAX3624A Datasheet
396Kb / 12P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 10/09
More results

Similar Description - MAX3620CETT

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9604G-32 PCA-EP9604G-32 Datasheet
22Kb / 1P
   5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
EP9604-32 PCA-EP9604-32 Datasheet
21Kb / 1P
   5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
EP9604 PCA-EP9604_15 Datasheet
21Kb / 1P
   5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
EP9604G PCA-EP9604G_15 Datasheet
22Kb / 1P
   5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
logo
Integrated Device Techn...
IDT2309 IDT-IDT2309_12 Datasheet
125Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER Phase-Lock Loop Clock Distribution
logo
Murata Manufacturing Co...
MSA1AA001 MURATA-MSA1AA001 Datasheet
36Kb / 1P
   Coils/Delay Lines
logo
Faraday Technology
TCD050B01 FARADAY-TCD050B01 Datasheet
54Kb / 2P
   TCD DELAY LINES
DF16B0010 FARADAY-DF16B0010 Datasheet
17Kb / 2P
   HDTV DELAY LINES
logo
Guangdong Youtai Semico...
RCLAMP052XP UMW-RCLAMP052XP Datasheet
409Kb / 5P
   Package design optimized for high speed lines
logo
Sanyo Semicon Device
LC89950 SANYO-LC89950 Datasheet
98Kb / 5P
   1H Delay Line for PAL Systems
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com