Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT120NWS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GT120NWS
Description  Mini size of Discrete semiconductor elements
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GT120NWS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GT120NWS Datasheet HTML 1Page - List of Unclassifed Manufacturers GT120NWS Datasheet HTML 2Page - List of Unclassifed Manufacturers GT120NWS Datasheet HTML 3Page - List of Unclassifed Manufacturers GT120NWS Datasheet HTML 4Page - List of Unclassifed Manufacturers GT120NWS Datasheet HTML 5Page - List of Unclassifed Manufacturers GT120NWS Datasheet HTML 6Page - List of Unclassifed Manufacturers GT120NWS Datasheet HTML 7Page - List of Unclassifed Manufacturers GT120NWS Datasheet HTML 8Page - List of Unclassifed Manufacturers GT120NWS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Mini size of Discrete semiconductor elements
Diode
MOSFET
Regulator
Transistor
(Digital)
Reset IC
Logic IC
EEPROM IC
Film Capacitor
Ceramic Cap.
Package Outline Dimensions
*Other Industrial specification ( -20
oC / -30oC / - 40oC ~ 85oC )
PUBLISH DATE : September , 2004 ~ 2005 SECOND EDIT
Switching Regulator / Charger pump
DC-DC converter / PWM IC
Step-up/down (Boost / Buck)
LDO Regulator
Ultra LDO Regulator
SOT-323
SOT-23
TO-252 / TO-263 / TO-220 / TO-3P
TSSOP-8 / SOP-8
SOT-323 / SOT-363 (Dual N , Dual P , P+N)
SOT-23 / SOT-89
TO-252 / TO-263
TO-92 / TO-220 / TO-3P
Triac / SCR / RF (1GHz ~ )
Digital
SOT-23 / SOT-23-5
SOT-89 / TO-92
SOT-23-5 / SOT-323-5
Standard
Schottky SOD-723 / SOD-523 / SOD-323
TO-252 / TO263
SOT-23-6 / TSSOP-8 / SOP-8
mini-MELF / MELF
SMA / SMB / SMC
Switching SOT-523 / SOT-323 / SOT-23
Bridge (Single phase / Three phase)
RF ( low capacitance ) & Varactor
Sidac / Thyristor / EMI Filter
TVS / ESD Arrays / Varistor (chip)
Gastube arrester / 5~6 pin arrester
Polymer resetable fuse / Thermal switch &
sensor
Class X1 / X2 Safety license (300Vac)
MPP / MPE / DMP (High current)
Minibox DC film cap. / X+Y combint cap.
Lighting film / AC starting film cap.
Class Y1 / Y2 Safety license
High voltage (1KV ~ 6KV)
Chip Capacitors & Multilayer (MLCC)
Tantalum Capacitors
Rectifier
Protection
Device
P1
P2
P3
P4
P5
P6
P7
P8
P9~
P11
P12
P13
P14
P15
P16~
P18
P19
P20
P21
P22
P23
P24
P25
P26
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
P27
-----
P28 ~ P34
-----
-----
-----


Similar Part No. - GT120NWS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT12-2022PCF HIROSE-GT12-2022PCF Datasheet
109Kb / 4P
   2 mm Pitch, Miniature ECU Connectors
GT12-2428PCF HIROSE-GT12-2428PCF Datasheet
109Kb / 4P
   2 mm Pitch, Miniature ECU Connectors
logo
List of Unclassifed Man...
GT12-55AG ETC-GT12-55AG Datasheet
85Kb / 2P
   AGM and Gel Range batteries
GT1216 ETC2-GT1216 Datasheet
816Kb / 8P
   Multi-Function EVB
logo
Hirose Electric
GT12M-20/1DP-CV8.7R HIROSE-GT12M-20/1DP-CV8.7R Datasheet
109Kb / 4P
   2 mm Pitch, Miniature ECU Connectors
More results

Similar Description - GT120NWS

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
KT815A INTEGRAL-KT815A Datasheet
246Kb / 8P
   DISCRETE SEMICONDUCTOR Transistors
logo
Micro Commercial Compon...
W04M-BP MCC-W04M-BP Datasheet
59Kb / 2P
   Complete Discrete Semiconductor Solutions
BAS16WX-TP MCC-BAS16WX-TP Datasheet
115Kb / 3P
   Complete Discrete Semiconductor Solutions
logo
Panasonic Semiconductor
MIP290 PANASONIC-MIP290 Datasheet
4Mb / 152P
   Semiconductor Selection Guide Microcomputers, Bipolar ICs, Discrete Semiconductors
2009 ver.2
logo
M-System Co.,Ltd.
MSP6C MSYSTEM-MSP6C Datasheet
144Kb / 5P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6 MSYSTEM-MSP6 Datasheet
144Kb / 5P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP50 MSYSTEM-MSP50 Datasheet
184Kb / 5P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP40 MSYSTEM-MSP40 Datasheet
187Kb / 5P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP5D MSYSTEM-MSP5D Datasheet
166Kb / 6P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6D MSYSTEM-MSP6D Datasheet
161Kb / 6P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com