Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N83C196MD Datasheet(PDF) 11 Page - Intel Corporation

Part # N83C196MD
Description  8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N83C196MD Datasheet(HTML) 11 Page - Intel Corporation

Back Button N83C196MD Datasheet HTML 7Page - Intel Corporation N83C196MD Datasheet HTML 8Page - Intel Corporation N83C196MD Datasheet HTML 9Page - Intel Corporation N83C196MD Datasheet HTML 10Page - Intel Corporation N83C196MD Datasheet HTML 11Page - Intel Corporation N83C196MD Datasheet HTML 12Page - Intel Corporation N83C196MD Datasheet HTML 13Page - Intel Corporation N83C196MD Datasheet HTML 14Page - Intel Corporation N83C196MD Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
®
11
Table 6. 80-lead Shrink EIAJ/QFP Pin Assignment
Pin
Name
Pin
Name
Pin
Name
Pin
Name
1
P5.2/WR#/WRL#
21
NC
41
P0.7/ACH7/T1DIR
/PMODE.3
61
P2.4/COMP0
/AINC#
2
P5.7/BUSWIDTH
22
RESET#
42
P0.6/ACH6
/T1CLK/PMODE.2
62
P2.5/COMP1
/PACT#
3
P4.7/AD15
/PBUS.15
23
NMI
43
ANGND
63
P2.6/COMP2
/CPVER
4
P4.6/AD14
/PBUS.14
24
EA#
44
V
REF
64
P6.7/PWM1
5V
CC
25
V
SS
45
P0.5/ACH5
/PMODE.1
65
P6.6/PWM0
6
P4.5/AD13
/PBUS.13
26
NC
46
P0.4/ACH4
/PMODE.0
66
NC
7NC
27
V
CC
47
P0.3/ACH3
67
NC
8
P4.4/AD12
/PBUS.12
28
P6.5/WG3
48
P0.2/ACH2
68
NC
9
P4.3/AD11
/PBUS.11
29
P6.4/WG3#
49
P0.1/ACH1
69
XTAL2
10
P4.2/AD10
/PBUS.10
30
P6.3/WG2
50
P0.0/ACH0
70
XTAL1
11
P4.1/AD9/PBUS.9
31
V
SS
51
NC
71
V
SS
12
P4.0/AD8/PBUS.8
32
P6.2/WG2#
52
P2.0/EPA0/PVER
72
EXTINT
13
P3.7/AD7/PBUS.7
33
P6.1/WG1
53
P2.1/SCLK0#
/BCLK0/PALE#
73
P5.4/ONCE#
14
P3.6/AD6/PBUS.6
34
P6.0/WG1#
54
NC
74
P5.6/READY
15
P3.5/AD5/PBUS.5
35
P1.3/RXD1
55
NC
75
P5.1/INST
16
P3.4/AD4/PBUS.4
36
P1.2/TXD1
56
P2.2/EPA1
/PROG#
76
V
SS
17
P3.3/AD3/PBUS.3
37
NC
57
P2.3/COMP3
77
P5.0/ALE/ADV#
18
P3.2/AD2/PBUS.2
38
NC
58
P2.7/SCLK1#
/BCLK1
78
V
PP
19
P3.1/AD1/PBUS.1
39
P1.1/RXD0
59
NC
79
P5.3/RD#
20
P3.0/AD0/PBUS.0
40
P1.0/TXD0
60
NC
80
P5.5/BHE#/WRH#


Similar Part No. - N83C196MD

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
N83C196MC INTEL-N83C196MC Datasheet
321Kb / 22P
   INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
More results

Similar Description - N83C196MD

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
U87C196MH INTEL-U87C196MH Datasheet
436Kb / 41P
   8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
EG80C196MH INTEL-EG80C196MH Datasheet
436Kb / 41P
   8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
8XC196MH INTEL-8XC196MH Datasheet
1Mb / 41P
   INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
N80C196MC INTEL-N80C196MC Datasheet
360Kb / 22P
   INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
EG87C196MC INTEL-EG87C196MC Datasheet
360Kb / 22P
   INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
87C196MD INTEL-87C196MD Datasheet
1Mb / 25P
   INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
8XC196MC INTEL-8XC196MC Datasheet
321Kb / 22P
   INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
8XC196MD INTEL-8XC196MD Datasheet
325Kb / 25P
   INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
EE80C196MC INTEL-EE80C196MC Datasheet
360Kb / 22P
   INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
EE87C196MC INTEL-EE87C196MC Datasheet
360Kb / 22P
   8XC196MC INDUSTRIAL MOTOR CONTROL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com