Part Name
         Description
2SD1994A

 Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification) ( 3 Page)


PANASONIC
100% 
Zoom Out Zoom In
   
 3 page
background image
Transistors
2SD1994A
3
ICEO  Ta
1
10
102
103
104
0
160
40
120
80
140
20
100
60
VCE
= 10 V
Ambient temperature T
a (°C)
Area of safe operation (ASO)
0.001
0.003
0.1
0.3
0.01
0.03
0.1
0.3
1
3
10
1
3
10
30
100
t
= 10 ms
t
= 1 s
ICP
IC
Single pulse
Ta
= 25°C
Collector to emitter voltage V
CE (V)
1  2  3 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SC1317Silicon NPN epitaxial planer type For low-frequency power amplification and driver amplification 1 2 3 Panasonic Semiconductor
2SC1383Silicon NPN epitaxial planer type For low-frequency power amplification and driver amplification 1 2 3 Panasonic Semiconductor
2SD2621Silicon NPN epitaxial planar type For low-frequency driver amplification 1 2 3 Panasonic Semiconductor
2SA719Silicon PNP epitaxial planer type For low-frequency power amplification and driver amplification 1 2 3 Panasonic Semiconductor
2SD1011Silicon NPN epitaxial planer type For low-frequency amplification 1 2 Panasonic Semiconductor
2SC3940Silicon NPN epitaxial planer type For low-frequency output amplification and driver amplification 1 2 3 Panasonic Semiconductor
2SC3944Silicon NPN epitaxial planar type For low-frequency driver and high power amplification 1 2 Panasonic Semiconductor
2SC4208Silicon NPN epitaxial planer type For low-frequency output amplification and driver amplification 1 2 3 Panasonic Semiconductor
2SD1934Silicon NPN epitaxial planer type For low-frequency power amplification 1 2 Panasonic Semiconductor
2SD1588NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING 1 2 3 4 NEC

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl