Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT230NS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GT230NS
Description  Mini size of Discrete semiconductor elements
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GT230NS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GT230NS Datasheet HTML 1Page - List of Unclassifed Manufacturers GT230NS Datasheet HTML 2Page - List of Unclassifed Manufacturers GT230NS Datasheet HTML 3Page - List of Unclassifed Manufacturers GT230NS Datasheet HTML 4Page - List of Unclassifed Manufacturers GT230NS Datasheet HTML 5Page - List of Unclassifed Manufacturers GT230NS Datasheet HTML 6Page - List of Unclassifed Manufacturers GT230NS Datasheet HTML 7Page - List of Unclassifed Manufacturers GT230NS Datasheet HTML 8Page - List of Unclassifed Manufacturers GT230NS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RDSon(Vg_10V)
RDSon(Vg_4.5V)
RDSon(Vg_2.5V)
Qg(Vg=4.5V)
Max(Typ)-mohm
Max(Typ)-mohm
Max(Typ)-mohm
Typ-nC
GT120NWS
SOT-323
N
20
0.7
0.6
-
350
450
1.85
OK
GT130NWS
SOT-323
N
20
1.2
0.6
-
225
290
1.85
OK
GT120PWS
SOT-323
P
-20
-0.7
-0.6
-
430
700
1.7
OK
GT130PWS
SOT-323
P
-30
-1.2
-0.6
-
135
170
1.7
OK
2N7002
SOT-23
N
60
0.2
1
7.5Ω
3.2Ω
-
-
GT130NS
SOT-23
N
20
1.2
-
-
400
500
-
GT230NS
SOT-23
N
30
2.5
1
117
190
-
10
GT330NS
SOT-23
N
30
3.5
1.5
70
90
-
10.5
GT430NS
SOT-23
N
30
4.2
1
55
90
-
-
GT516NS
SOT-23
N
16
5
0.7
-
35
45
-
GT620NS
SOT-23
N
20
6
0.9
45
60
120
12
GT120PS
SOT-23
P
-20
1
-
-
650
850
-
GT220PS
SOT-23
P
-20
2
-1
70
100
-
12
GT230PS
SOT-23
P
-30
2
-1.5
100
140
-
10
GT330PS
SOT-23
P
-16
-3.5
-0.7
70
85
105
13
GT430PS
SOT-23
P
-30
-4.2
-1
50
65
120
-
GT9926NW
1206
N
20
5.6
1
50
80
-
14
GT4435PW
1206
P
20
5.6
-1
50
80
-
14
GAPM2054N
SOT-89
N
20
6
1
40
54
-
14
GAPM3023N
SOT-223
N
30
30
1.5
23
32
-
21
GAPM3054N
SOT-223
N
30
12
1.5
54
90
-
12
GAPM8814
TSSOP8 (Daul)
N
20
7.5
0.7
14
15
20
14
GAPM9926C
TSSOP8 (Daul)
N
20
6
0.7
28
32
45
14
GAPM9926
TSSOP8
N
20
6
0.7
28
32
45
14
GAPM6434
TSSOP8
N
30
4
1.5
23
40
-
14
GAPM6928
TSSOP8 (Daul)
N
30
4
1.5
23
40
-
14
GAPM4408
SO-8
N
20
21
0.9
5.5
7.5
10
45
GAPM9424
SO-8
N
20
8
0.9
9
13
16
25
GAPM9428
SO-8
N
20
7
0.9
-
30
60
10
GAPM9430
SO-8
N
20
4
0.9
-
54
130
6.6
GAPM7318
SO-8 (Daul)
N
20
8
0.9
-
15
30
32
GAPM7316
SO-8 (Daul)
N
20
6
0.9
-
35
50
10
GAPM7312
SO-8 (Daul)
N
20
6
0.9
45
54
120
12
GAPM9966
SO-8 (Daul)
N
20
6
0.7
25
28
38
14
GAPM9926
SO-8 (Daul)
N
20
6
0.7
-
28
40
14
GAPM4430
SO-8
N
30
23
1.5
5
8
-
40
GAPM4420
SO-8
N
30
12.5
1.5
9
13
-
30
GAPM4410
SO-8
N
30
11.5
1.5
11
16
-
20
GAPM4890
SO-8
N
30
10
1.5
11
16
-
20
GAPM4800
SO-8
N
30
6
1.5
16
25
-
14
GAPM4416
SO-8
N
30
9
1.5
20
32
-
14
GAPM9410
SO-8
N
30
8
1.5
20
32
-
14
SOT-223 (P.29)
SOT-23 (P.28)
1206 size
SO-8 (P.31)
Type
BV - Volt
Available
SOT-89 (P.32)
TSSOP-8 (P.31)
Power MOSFETs
SOT-323 (P.28)
ID -
Amp
Vt - Volt
Part NO.
Package
P.5


Similar Part No. - GT230NS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
GT2308-V MITSUBISHI-GT2308-V Datasheet
7Mb / 252P
   GRAPHIC OPERATION TERMINAL GOT SIMPLESeries
GT2308-VTBA MITSUBISHI-GT2308-VTBA Datasheet
7Mb / 252P
   GRAPHIC OPERATION TERMINAL GOT SIMPLESeries
GT2308-VTBD MITSUBISHI-GT2308-VTBD Datasheet
7Mb / 252P
   GRAPHIC OPERATION TERMINAL GOT SIMPLESeries
More results

Similar Description - GT230NS

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
KT815A INTEGRAL-KT815A Datasheet
246Kb / 8P
   DISCRETE SEMICONDUCTOR Transistors
logo
Micro Commercial Compon...
W04M-BP MCC-W04M-BP Datasheet
59Kb / 2P
   Complete Discrete Semiconductor Solutions
BAS16WX-TP MCC-BAS16WX-TP Datasheet
115Kb / 3P
   Complete Discrete Semiconductor Solutions
logo
Panasonic Semiconductor
MIP290 PANASONIC-MIP290 Datasheet
4Mb / 152P
   Semiconductor Selection Guide Microcomputers, Bipolar ICs, Discrete Semiconductors
2009 ver.2
logo
M-System Co.,Ltd.
MSP6C MSYSTEM-MSP6C Datasheet
144Kb / 5P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6 MSYSTEM-MSP6 Datasheet
144Kb / 5P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP50 MSYSTEM-MSP50 Datasheet
184Kb / 5P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP40 MSYSTEM-MSP40 Datasheet
187Kb / 5P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP5D MSYSTEM-MSP5D Datasheet
166Kb / 6P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6D MSYSTEM-MSP6D Datasheet
161Kb / 6P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com