Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX-104-CFC-A326 Datasheet(PDF) 11 Page - Vectron International, Inc

Part # FX-104-CFC-A326
Description  Frequency Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-104-CFC-A326 Datasheet(HTML) 11 Page - Vectron International, Inc

Back Button FX-104-CFC-A326 Datasheet HTML 4Page - Vectron International, Inc FX-104-CFC-A326 Datasheet HTML 5Page - Vectron International, Inc FX-104-CFC-A326 Datasheet HTML 6Page - Vectron International, Inc FX-104-CFC-A326 Datasheet HTML 7Page - Vectron International, Inc FX-104-CFC-A326 Datasheet HTML 8Page - Vectron International, Inc FX-104-CFC-A326 Datasheet HTML 9Page - Vectron International, Inc FX-104-CFC-A326 Datasheet HTML 10Page - Vectron International, Inc FX-104-CFC-A326 Datasheet HTML 11Page - Vectron International, Inc FX-104-CFC-A326 Datasheet HTML 12Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
FX-104 Frequency Translator
How to Order
FX-104 -
D
F
C
-
A
1
P
8
Supply Voltage
C =
5 Vdc ±5%
D = 3.3 Vdc ±5%
Output Type
F = Comp. PECL
Temperature Range
C =
0°C to +70°C
F = -40°C to +85°C
Output Frequency (6 to 9)
See Frequency Chart Above
*If not listed enter S in this block and then list the
output frequencies after the part number.
Input Frequency (C to 7)
See Frequency Chart Above
*If not listed or more than one frequency enter S in
this block and then list all the input frequencies
after the part number.
Number of Input Frequencies
1 = 1 Input Frequency
2 = *2 Input Frequencies
3 = *3 Input Frequencies
4 = *4 Input Frequencies
Input Logic
A = HCMOS
D = PECL
*If not listed or more than one input frequency a special SCD
number will be assigned at point of order.
Part Number Examples:
FX-104-DFC-D128
*FX-104-DFF-A4S2, S = 8 kHz, 19.44 MHz, 77.76 MHz, 155.52 MHz
*FX-104-CFC-A1PS, S = 625 MHz
8 kHz
C
16 kHz
D
64 kHz
E
1.024 MHz
F
1.544 MHz
H
2.048 MHz
J
4.096 MHz
K
8.192 MHz
L
13.00 MHz
M
16.384 MHz
N
19.44 MHz
P
20.48 MHz
R
26.00 MHz
T
27.00 MHz
W
38.88 MHz
X
44.736 MHz
Y
51.84 MHz
0
61.44 MHz
1
77.76 MHz
2
82.944 MHz
3
112 MHz
4
139.264 MHz
5
155.52 MHz
6
166.6286 MHz
7
622.08 MHz
8
666.5143 MHz
9
Special SCD
S
Standard Frequencies


Similar Part No. - FX-104-CFC-A326

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-104 VECTRON-FX-104 Datasheet
1Mb / 11P
   Frequency Translator
FX-104 VECTRON-FX-104_07 Datasheet
1Mb / 11P
   Frequency Translator
More results

Similar Description - FX-104-CFC-A326

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
   Frequency Translator
logo
CTS Corporation
VCP3006X CTS-VCP3006X Datasheet
190Kb / 5P
   Frequency Translator
VCP3020A CTS-VCP3020A Datasheet
190Kb / 5P
   Frequency Translator
VCP3033A CTS-VCP3033A Datasheet
190Kb / 5P
   Frequency Translator
VCP3007B CTS-VCP3007B Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104_07 Datasheet
1Mb / 11P
   Frequency Translator
logo
CTS Corporation
VCP3021X CTS-VCP3021X Datasheet
191Kb / 5P
   Frequency Translator
VCP3250 CTS-VCP3250 Datasheet
191Kb / 5P
   Frequency translator
VCP3028X CTS-VCP3028X Datasheet
190Kb / 5P
   Frequency Translator
VCP3036A CTS-VCP3036A Datasheet
190Kb / 5P
   Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com