Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMBT9015C Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CMBT9015C
Description  PNP SILICON PLANAR TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBT9015C Datasheet(HTML) 2 Page - Continental Device India Limited

  CMBT9015C Datasheet HTML 1Page - Continental Device India Limited CMBT9015C Datasheet HTML 2Page - Continental Device India Limited CMBT9015C Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tape Specification for SOT-23 Surface Mount Device
SOT-23 Package Reel Information
Reel specifications for W" Packing (13" reel)
SOT-23 Formed SMD Package
SOT-23 T&R
3K/reel
10K/reel
136 gm/3K pcs
415 gm/10K pcs
3" x 7.5" x 7.5"
9" x 9" x 9"
13" x 13" x 0.5"
12.0K
51.0K
10.0K
17" x 15" x 13.5"
19" x 19" x 19"
17" x 15" x 13.5"
192.0K
408.0K
300.0K
12 kgs
28 kgs
16 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
ø329.2± 0.5 / 178 ± 0.5
14.4
7.9 – 10.9
9.2± 0.5
MAX
ø100.0± 0.5 / 54.5 ± 0.5
ø
2.0± 0.5
ø20.2 MIN
DETAIL X
ø13.0
+0.5
–0.2
All dim e nsion s in m m
330 / 180 m m – A ntistatic C oated Plastic R eel
NO TES :
No. of Devices
8m m Ta pe
Size of Ree l
330 m m (13")
10,000 Pcs
8m m Ta pe
Size of Ree l
180 m m (7")
3,000 Pcs
T he ba ndolier of 330 m m reel contains at least 1 0,000 devices.
T he ba ndolier of 180 m m reel contains at least 3 ,000 device s.
N o m ore than 0.5% m issing de vices / reel. 50 e m pty com partm ents for 330 m m reel.
15 em pty com partm en ts for 180 m m ree l.
T hree consecutive em pty places m ight be found provided this gap is follow ed by 6
conse cutive device s.
T he carrier ta pe (le ader) starts with a t least 75 em pty positio ns (equivalent to 3 30
m m ). In order to fix the carrier tape a self a dhesive tap e of 2 0 to 5 0 m m is app lied. At
the en d of the bandolie r at le ast 40 em pty positions (e quiva lent to 160 m m ) are the re.
180
or
330
1.
2.
3.
4.
5.
1.6
MAX
1.22
2.77
8.0
±0.1
±0.10
+0.3
3.5
±0.05
±0.1
± 0.1
±0.05
±0.1
±0.05
4.0
4.0
1.55
2.0
1.75
5.75
MAX
±0.05
±0.10
3.15
1.0
- 0.1
D irection of U nreeling
A ll dim ensions in m m
± 0.02
± 0.02
1.30
0.60
0.60
0.08
PARTING LINE
RO.08
0.21
±3"
±0.05
2.50
±4"
0.08
R0.08
± 0.02
2.50
0.60
1.30
±0.05
±0.025
±0.02
0.60
cL
1
2
3
Continental Device India Limited
Data Sheet
Page 2 of 3


Similar Part No. - CMBT9015C

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT9012 CDIL-CMBT9012 Datasheet
172Kb / 3P
   PNP SILICON PLANAR TRANSISTOR
CMBT9012G CDIL-CMBT9012G Datasheet
172Kb / 3P
   PNP SILICON PLANAR TRANSISTOR
CMBT9012H CDIL-CMBT9012H Datasheet
172Kb / 3P
   PNP SILICON PLANAR TRANSISTOR
CMBT9012I CDIL-CMBT9012I Datasheet
172Kb / 3P
   PNP SILICON PLANAR TRANSISTOR
CMBT9013 CDIL-CMBT9013 Datasheet
171Kb / 3P
   NPN SILICON PLANAR TRANSISTOR
More results

Similar Description - CMBT9015C

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CD9012 CDIL-CD9012 Datasheet
89Kb / 3P
   PNP SILICON PLANAR TRANSISTOR
logo
List of Unclassifed Man...
CD9015 ETC1-CD9015 Datasheet
88Kb / 3P
   PNP SILICON PLANAR TRANSISTOR
logo
Siemens Semiconductor G...
BF939 SIEMENS-BF939 Datasheet
33Kb / 2P
   PNP SILICON PLANAR TRANSISTOR
logo
New Jersey Semi-Conduct...
BFX37 NJSEMI-BFX37 Datasheet
86Kb / 2P
   PNP SILICON PLANAR TRANSISTOR
logo
Siemens Semiconductor G...
BD330 SIEMENS-BD330 Datasheet
87Kb / 3P
   PNP SILICON PLANAR TRANSISTOR
BF926 SIEMENS-BF926 Datasheet
31Kb / 2P
   PNP SILICON PLANAR TRANSISTOR
logo
Boca Semiconductor Corp...
2N4036 BOCA-2N4036 Datasheet
46Kb / 2P
   PNP SILICON PLANAR TRANSISTOR
logo
Unisonic Technologies
2SB824 UTC-2SB824_12 Datasheet
256Kb / 5P
   PNP PLANAR SILICON TRANSISTOR
logo
Continental Device Indi...
2N4036 CDIL-2N4036 Datasheet
125Kb / 2P
   PNP SILICON PLANAR TRANSISTOR
2N995 CDIL-2N995 Datasheet
175Kb / 4P
   PNP SILICON PLANAR TRANSISTOR
BCX23 CDIL-BCX23 Datasheet
95Kb / 2P
   PNP SILICON PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com