Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V385AGLFT Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # V385AGLFT
Description  8-BIT LVDS TRANSMITTER FOR VIDEO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

V385AGLFT Datasheet(HTML) 3 Page - Integrated Circuit Systems

  V385AGLFT Datasheet HTML 1Page - Integrated Circuit Systems V385AGLFT Datasheet HTML 2Page - Integrated Circuit Systems V385AGLFT Datasheet HTML 3Page - Integrated Circuit Systems V385AGLFT Datasheet HTML 4Page - Integrated Circuit Systems V385AGLFT Datasheet HTML 5Page - Integrated Circuit Systems V385AGLFT Datasheet HTML 6Page - Integrated Circuit Systems V385AGLFT Datasheet HTML 7Page - Integrated Circuit Systems V385AGLFT Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
8-BIT LVDS TRANSMITTER FOR VIDEO
V385A
V385A Datasheet
3
11/23/05
Revision 0.1
Integrated Circuit Systems • 525 Race St reet, S an Jose, CA 95126 • tel (408) 297-1201 • ww w. icst. com
External Components
The V385A requires no external components.
37
LVDS
TxOUT3+
LVDS output (+)
38
LVDS
TxOUT3-
LVDS output (-)
39
LVDS
TxCLKOUT+
LVDS output (+)
40
LVDS
TxCLKOUT-
LVDS output (-)
41
LVDS
TxOUT2+
LVDS output (+)
42
LVDS
TxOUT2-
LVDS output (-)
43
Ground
LVDS_GND
Ground
44
Power
LVDS_VCC
3.3V Power
45
LVDS
TxOUT1+
LVDS output (+)
46
LVDS
TxOUT1-
LVDS output (-)
47
LVDS
TxOUT0+
LVDS output (+)
48
LVDS
TxOUT0-
LVDS output (-)
49
Ground
LVDS_GND
Ground
50
CMOS/TTL
TxIN27
Parallel digital video input pins (TxIN0..27).
51
CMOS/TTL
TxIn0
Parallel digital video input pins (TxIN0..27).
52
CMOS/TTL
TxIn1
Parallel digital video input pins (TxIN0..27).
53
Ground
GND
Ground
54
CMOS/TTL
TxIn2
Parallel digital video input pins (TxIN0..27).
55
CMOS/TTL
TxIn3
Parallel digital video input pins (TxIN0..27).
56
CMOS/TTL
TxIn4
Parallel digital video input pins (TxIN0..27).
Pin
Pin Type
Pin Name
Pin Description/Name


Similar Part No. - V385AGLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
V385AGLFT ICST-V385AGLFT Datasheet
158Kb / 9P
   8-BIT LVDS TRANSMITTER FOR VIDEO
logo
Renesas Technology Corp
V385AGLFT RENESAS-V385AGLFT Datasheet
413Kb / 9P
   8-BIT LVDS TRANSMITTER FOR VIDEO
2019
More results

Similar Description - V385AGLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
V385 ICST-V385 Datasheet
158Kb / 9P
   8-BIT LVDS TRANSMITTER FOR VIDEO
logo
Renesas Technology Corp
V385A RENESAS-V385A Datasheet
413Kb / 9P
   8-BIT LVDS TRANSMITTER FOR VIDEO
2019
logo
Integrated Circuit Syst...
V103A ICST-V103A Datasheet
148Kb / 11P
   TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
V103 ICST-V103 Datasheet
150Kb / 11P
   TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
logo
Renesas Technology Corp
V103A RENESAS-V103A Datasheet
391Kb / 12P
   TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
11/18/05
logo
Integrated Circuit Syst...
V386 ICST-V386 Datasheet
243Kb / 10P
   8-BIT LVDS RECEIVER FOR VIDEO
logo
Renesas Technology Corp
IDTVP386 RENESAS-IDTVP386 Datasheet
275Kb / 13P
   8/28-BIT LVDS RECEIVER FOR VIDEO
2019
logo
Integrated Circuit Syst...
V104 ICST-V104 Datasheet
205Kb / 11P
   10 BIT LVDS RECEIVER FOR VIDEO
logo
Rohm
BU7988KVT ROHM-BU7988KVT Datasheet
952Kb / 27P
   56bit LVDS Transmitter 56:8 Serializer
logo
Integrated Device Techn...
IDTV105ADAG IDT-IDTV105ADAG Datasheet
324Kb / 19P
   DUAL-CHANNEL,TRIPLE 10-BIT LVDS TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com