Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT9404 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SPT9404
Description  SINGLE VIDEO DRIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPT9404 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SPT9404 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT9404 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT9404 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT9404 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPT9404
SINGLE VIDEO DRIVER
Signal Processing Technologies, Inc.
4755 Forge Road, Colorado Springs, Colorado 80907, USA
Phone: (719) 528-2300
FAX: (719) 528-2370
FEATURES
• Single Video Line Driver Chip
•RL=150 Ω (75 Ω Back-Terminated Cable)
• Power-Down Standby Mode
• Tiny 2.9 x 1.6 mm 6-Lead SOT23 Package
• Low Power Dissipation: 32 mW
• Flat Response fIN = 100 kHz to 10 MHz (typical)
• Single +5 Volt Power Supply
APPLICATIONS
• Digital Video Disk
• Video Line Driver for Encoders
• Digital Video Tape Recorders
• Video Cassette Recorders
• PC Multimedia
• Consumer Video
GENERAL DESCRIPTION
The SPT9404 is a single video line driver chip that takes a
standard video signal as an analog input and provides a
buffered analog output for driving a 150
Ω load (75 Ω back-
terminated cable). The standard video input signal (1 VP-P) is
typically amplified 6 dB using external components to pro-
duce a 2 VP-P into an AC-coupled 150 Ω load. (See the typical
interface circuit diagram.)
The SPT9404 features a standby mode which draws only
96
µW of power. Nominal power dissipation (no input) is
typically 32 mW. It requires a single +5 V supply, operates
over the commercial temperature range (0 to +70
°C) and is
available in a tiny surface mount (2.9 x 1.6 mm) 6-lead SOT-
23 package.
BLOCK DIAGRAM
Driver
+ Input
- Input
Output
VCC
Standby
GND


Similar Part No. - SPT9404

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT9400 ETC1-SPT9400 Datasheet
98Kb / 7P
   TRIPLE VIDEO DRIVER WITH Y/C & COMPOSITE OUTPUT
SPT9400SCR ETC1-SPT9400SCR Datasheet
98Kb / 7P
   TRIPLE VIDEO DRIVER WITH Y/C & COMPOSITE OUTPUT
More results

Similar Description - SPT9404

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9155 SGMICRO-SGM9155 Datasheet
504Kb / 13P
   Single Channel, Video Filter Driver
logo
Intersil Corporation
ISL59830 INTERSIL-ISL59830_06 Datasheet
326Kb / 14P
   True Single Supply Video Driver
logo
Renesas Technology Corp
ISL59830 RENESAS-ISL59830 Datasheet
743Kb / 15P
   True Single Supply Video Driver
logo
ON Semiconductor
NCS2561 ONSEMI-NCS2561_18 Datasheet
491Kb / 11P
   3.3V Single Channel Video Driver
August, 2018 ??Rev. 4
NCS2561 ONSEMI-NCS2561_11 Datasheet
486Kb / 11P
   3.3V Single Channel Video Driver
July, 2011 ??Rev. 3
logo
Intersil Corporation
ISL59830IA INTERSIL-ISL59830IA Datasheet
335Kb / 14P
   True Single Supply Video Driver
May 4, 2006
ISL59830 INTERSIL-ISL59830 Datasheet
416Kb / 14P
   True Single Supply Video Driver
logo
SG Micro Corp
SGM9154 SGMICRO-SGM9154 Datasheet
503Kb / 14P
   Single Channel, Video Filter Driver
logo
ON Semiconductor
LA73076V ONSEMI-LA73076V Datasheet
159Kb / 7P
   Video Driver
July, 2013
logo
SG Micro Corp
SGM9140 SGMICRO-SGM9140 Datasheet
305Kb / 10P
   Video Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com