Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAPM2030N Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GAPM2030N
Description  Mini size of Discrete semiconductor elements
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GAPM2030N Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GAPM2030N Datasheet HTML 1Page - List of Unclassifed Manufacturers GAPM2030N Datasheet HTML 2Page - List of Unclassifed Manufacturers GAPM2030N Datasheet HTML 3Page - List of Unclassifed Manufacturers GAPM2030N Datasheet HTML 4Page - List of Unclassifed Manufacturers GAPM2030N Datasheet HTML 5Page - List of Unclassifed Manufacturers GAPM2030N Datasheet HTML 6Page - List of Unclassifed Manufacturers GAPM2030N Datasheet HTML 7Page - List of Unclassifed Manufacturers GAPM2030N Datasheet HTML 8Page - List of Unclassifed Manufacturers GAPM2030N Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RDSon(Vg_10V)
RDSon(Vg_4.5V)
RDSon(Vg_2.5V)
Qg(Vg=4.5V)
Max(Typ)-mohm
Max(Typ)-mohm
Max(Typ)-mohm
Typ-nC
GAPM7314
SO-8 (Daul)
N
30
6
1.5
24
32
-
15
GAPM7313
SO-8 (Daul)
N
30
6
1.5
28
40
-
14
GAPM4463
SO-8
P
-20
10
-1
14
20
-
24
GAPM4461
SO-8
P
-20
7
-1
30
40
60
24
GAPM4435
SO-8
P
-30
8
-1.5
20
35
-
24
GAPM4431
SO-8
P
-30
7
-1.5
30
55
-
18
GAPM4425
SO-8
P
-30
11
-1.5
14
20
-
45
GAPM9435
SO-8
P
-30
6
-1.5
60
95
-
15
GAPM4925
SO-8 (Daul)
P
-30
6
-1.5
32
45
-
19
GAPM4953
SO-8 (Daul)
P
-30
4.9
-1.5
53
110
-
18
GAPM4532
SO-8 (Daul)
N/P
-30
3.9/3.5
1.5/-1.5
53/80
75/135
-
14/15
GAPM9932
SO-8 (Daul)
N/P
20/-20
9/-6
1/-1
18/ -
27/45
- / 65
22/25
GAPM9930
SO-8 (Daul)
N/P
-20
9/3.4
1/-1
15/80
30/150
-
20/14
GAPM9928
SO-8 (Daul)
N/P
-20
5/3.4
1/-1
45/90
60/120
-
-
GAPM2004N
TO-252
N
20
80
1
5
6
10
48
GAPM2007N
TO-252
N
20
70
1
9
11
18
36
GAPM2012N
TO-252
N
20
30
1
12
18
24
25
GAPM2014N
TO-252
N
20
10
1
-
14
22
24
GAPM2030N
TO-252
N
20
6
0.7
-
32
45
30
GAPM2054N
TO-252
N
20
12
1
40
54
130
14
GAPM2055N
TO-252
N
20
12
0.9
70
90
160
7
GAPM3005N
TO-252
N
30
80
1.5
5
8
-
40
GAPM3007N
TO-252
N
30
75
1.5
7
11
-
31
GAPM3009N
TO-252
N
30
70
1.5
9
15
-
20
GAPM3011N
TO-252
N
30
70
1.5
11
18
-
20
GAPM3023N
TO-252
N
30
30
1.5
23
32
-
21
GAPM3054N
TO-252
N
30
12
1.5
54
90
-
12
GAPM3055L
TO-252
N
30
12
1.5
100
200
-
12
GAPM3005N
TO-263
N
30
80
1.5
5
8
-
40
GAPM3007N
TO-263
N
30
75
1.5
7
11
-
31
GAPM3009N
TO-263
N
30
70
1.5
9
14
-
20
GAPM2070P
TO-252
P
-20
12
1
70
100
-
12
GAPM2095P
TO-252
P
-20
8
0.7
80
105
9
GAPM3010P
TO-252
P
-30
30
-1.5
10
-
14
35
GAPM3020P
TO-252
P
-30
30
-1.5
20
30
-
22
GAPM3030P
TO-252
P
-30
20
-1.5
30
-
42
17
GAPM3040P
TO-252
P
-30
12
-1.5
40
-
56
15
GAPM3095P
TO-252
P
-30
6
-1.5
95
160
-
12
GAPM6020N
TO-263/220
N
55
10
1.5
20
30
-
15
SER5305
TO-252
P
55
30
2
65
85
120
63
SEB/U4060
TO-263/252
N
60
15
2
85
-
-
10
SEB/U6060
TO-263/252
N
60
60
3
25
-
-
36
GM01N60D/U
TO-251/252
N
600
1
-
8 ohm
-
-
10
GM02N60D/U
TO-251/252
N
600
1
-
5 ohm
-
-
36
SEP4060
TO-220
N
60
15
2
85
-
-
10
SEP6060
TO-220
N
60
60
3
25
-
-
36
GEF9Z34N
TO-220
P
55
-19
-2
100
-
-
12
GM01N60D/U
TO-251/252
N
600
1
-
8 ohm
-
-
10
GM02N60D/U
TO-251/252
N
600
1
-
5 ohm
-
-
36
GAP03N70
TO-220
N
600
3
-
3.6 ohm
-
-
11.4
GAP04N70
TO-220
N
600
4
-
2.4 ohm
-
-
16.7
GAP07N70
TO-220
N
600
7
-
1.2 ohm
-
-
32
TO-263 (P.30) / TO-252 (P.30) / TO-251 (P.28)
TO-220 (P.30)
Part NO.
Package
Type
BV - Volt
ID -
Amp
Vt - Volt
Available
P.6


Similar Part No. - GAPM2030N

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
GAP-027 GLENAIR-GAP-027 Datasheet
236Kb / 3P
   319 SERIES SWING ARM CLAMP SHIELD SOCK TERMINATION PROCEDURE
logo
GeneSiC Semiconductor, ...
GAP05SLT80-220 GENESIC-GAP05SLT80-220 Datasheet
201Kb / 3P
   Normally ??OFF Silicon Carbide Junction Transistor
GAP05SLT80-CAL GENESIC-GAP05SLT80-CAL Datasheet
184Kb / 3P
   Silicon Carbide Power Schottky Diode Chip
GAP05SLT80-CAL GENESIC-GAP05SLT80-CAL_15 Datasheet
362Kb / 5P
   Silicon Carbide Power Schottky Diode
logo
List of Unclassifed Man...
GAP1605 ETC2-GAP1605 Datasheet
65Kb / 3P
   Portable programming unit
More results

Similar Description - GAPM2030N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
KT815A INTEGRAL-KT815A Datasheet
246Kb / 8P
   DISCRETE SEMICONDUCTOR Transistors
logo
Micro Commercial Compon...
W04M-BP MCC-W04M-BP Datasheet
59Kb / 2P
   Complete Discrete Semiconductor Solutions
BAS16WX-TP MCC-BAS16WX-TP Datasheet
115Kb / 3P
   Complete Discrete Semiconductor Solutions
logo
Panasonic Semiconductor
MIP290 PANASONIC-MIP290 Datasheet
4Mb / 152P
   Semiconductor Selection Guide Microcomputers, Bipolar ICs, Discrete Semiconductors
2009 ver.2
logo
M-System Co.,Ltd.
MSP6C MSYSTEM-MSP6C Datasheet
144Kb / 5P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6 MSYSTEM-MSP6 Datasheet
144Kb / 5P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP50 MSYSTEM-MSP50 Datasheet
184Kb / 5P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP40 MSYSTEM-MSP40 Datasheet
187Kb / 5P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP5D MSYSTEM-MSP5D Datasheet
166Kb / 6P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6D MSYSTEM-MSP6D Datasheet
161Kb / 6P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com