Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G02DCKTE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AUP1G02DCKTE4
Description  LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G02DCKTE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUP1G02DCKTE4 Datasheet HTML 1Page - Texas Instruments SN74AUP1G02DCKTE4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G02DCKTE4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G02DCKTE4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G02DCKTE4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G02DCKTE4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G02DCKTE4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G02DCKTE4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G02DCKTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN74AUP1G02
LOW POWER SINGLE 2INPUT POSITIVENOR GATE
SCES568B − JUNE 2004 − REVISED JUNE 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Available in the Texas Instruments
NanoStar
 and NanoFree Packages
D Low Static Power Consumption;
ICC = 0.9 µA Max
D Low Dynamic Power Consumption;
Cpd = 4.3 pF Typ at 3.3 V
D Low Input Capacitance; Ci = 1.5 pF Typ
D Low Noise; Overshoot and Undershoot
<10% of VCC
D Ioff Supports Partial-Power-Down Mode
Operation
D Input Hysteresis Allows Slow Input
Transition and Better Switching Noise
Immunity at the Input
(Vhys = 250 mV Typ at 3.3 V)
D Wide Operating VCC Range of 0.8 V to 3.6 V
D Optimized for 3.3-V Operation
D 3.6-V I/O Tolerant to Support Mixed-Mode
Signal Operation
D tpd = 4.5 ns Max at 3.3 V
D Suitable for Point-to-Point Applications
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
D ESD Protection Exceeds ±5000 V With
Human-Body Model
3
2
4
5
1
AVCC
Y
B
GND
DBV PACKAGE
(TOP VIEW)
YEP OR YZP PACKAGE
(BOTTOM VIEW)
DCK PACKAGE
(TOP VIEW)
3
2
4
5
1
AVCC
Y
B
GND
3
2
4
5
1
AVCC
Y
B
GND
A
GND
VCC
Y
B
DRL PACKAGE
(TOP VIEW)
See mechanical drawings for dimensions.
1
4
2
3
5
description /ordering information
The AUP family is TI’s premier solution to the industry’s low-power needs in battery-powered portable
applications. This family ensures a very low static and dynamic power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in an increased battery life. This product also maintains excellent signal integrity (see
Figures 1 and 2).
Figure 1. AUP − The Lowest-Power Family
AUP
LVC
AUP
AUP
LVC
Static Power Consumption
(
µA)
Dynamic Power Consumption
(pF)
† Single, dual, and triple gates
3.3-V
Logic
3.3-V
Logic
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
05
10
15
20
25
30
35
40
45
Figure 2. Excellent Signal Integrity
Time − ns
† AUP1G08 data at CL = 15 pF
Output
Input
Switching Characteristics
at 25 MHz
Copyright
 2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar and NanoFree are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74AUP1G02DCKTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G02DCKTE4 TI-SN74AUP1G02DCKTE4 Datasheet
492Kb / 16P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02DCKTE4 TI-SN74AUP1G02DCKTE4 Datasheet
903Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
More results

Similar Description - SN74AUP1G02DCKTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G02 TI-SN74AUP1G02_08 Datasheet
492Kb / 16P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02_101 TI-SN74AUP1G02_101 Datasheet
903Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02 TI1-SN74AUP1G02_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single 2-Input Positive-NOR Gate
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com