Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-513G-0L000 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # 5082-513G-0L000
Description  14.22 mm (0.56 inch) General Purpose Seven-Segment Display
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-513G-0L000 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  5082-513G-0L000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-513G-0L000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-513G-0L000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-513G-0L000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-513G-0L000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-513G-0L000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-513G-0L000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-513G-0L000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-513G-0L000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Internal Circuit Diagram
Package Dimensions
17.10 ± 0.15
(0.673)
7.90 ± 0.05
(0.311)
10° ± 0.15°
14.22 ± 0.05
(0.560)
12.40 ± 0.15
(0.488)
4.85
(0.191)
15.24
(0.600)
0.30
(0.012)
8.0
(0.312)
DATE CODE
0.50 ± 0.05 TYP. 10 PLACES
(0.020)
TOP END VIEW
FRONT VIEW
SIDE VIEW
ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
LUMINOUS
INTENSITY
CATEGORY
∅1.70 ± 0.05
(0.067)
1.50 ± 0.05
(0.059)
5.0
(0.197)
2.54 x 4 = 10.16 ± 0.1
(0.100 x 4 = 0.400)
COUNTRY OF ORIGIN
+ 0.05
– 0.08
f
98
6
12
3
4
5
COMMON CATHODE
e
g
d
a
b
c
DP
10
7
f
98
6
12
3
4
5
COMMON ANODE
e
g
d
a
b
c
DP
10
7
COMMON ANODE
COMMON CATHODE
PIN
FUNCTION
PIN
1
CATHODE e
2
CATHODE d
3
COMMON ANODE
4
CATHODE c
5
CATHODE DP
6
CATHODE b
7
CATHODE a
8
COMMON ANODE
9
CATHODE f
10
CATHODE g
1
2
3
4
5
6
7
8
9
10
FUNCTION
ANODE e
ANODE d
COMMON CATHODE
ANODE c
ANODE DP
ANODE b
ANODE a
COMMON CATHODE
ANODE f
ANODE g
HDSP-511E/511G/511Y/511A
HDSP-513E/513G/513Y/513A


Similar Part No. - 5082-513G-0L000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-5501-00000 HP-5082-5501-00000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5501-0E000 HP-5082-5501-0E000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5501-0F000 HP-5082-5501-0F000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5501-0G000 HP-5082-5501-0G000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5501-0H000 HP-5082-5501-0H000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
More results

Similar Description - 5082-513G-0L000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-513E AVAGO-HDSP-513E Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
HDSP-511X AVAGO-HDSP-511X Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-521A HP-HDSP-521A Datasheet
336Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-521A AVAGO-HDSP-521A Datasheet
55Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
Broadcom Corporation.
HDSP-521A BOARDCOM-HDSP-521A Datasheet
131Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
Lite-On Technology Corp...
LTS-6680E LITEON-LTS-6680E Datasheet
127Kb / 5P
   0.56 inch (14.22 mm) digit height single digit seven-segment display.
logo
Agilent(Hewlett-Packard...
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-50XB AVAGO-HDSP-50XB Datasheet
195Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-331X HP-HDSP-331X Datasheet
88Kb / 14P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-331X AVAGO-HDSP-331X Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com