Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WJ1101BS1212VDC.36 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # WJ1101BS1212VDC.36
Description  Load capacity of up to 15A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

WJ1101BS1212VDC.36 Datasheet(HTML) 1 Page - CIT Relay & Switch

  WJ1101BS1212VDC.36 Datasheet HTML 1Page - CIT Relay & Switch WJ1101BS1212VDC.36 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
CIT RELAY
WJ110
FEATURES:
Load capacity of up to 15A
Small size and light weight
PC board mounting
UL/CUL certified
E197851
19.5 x 16.2 x 16.5 mm
CONTACT DATA
Contact Arrangement
1A = SPST N.O.
1B = SPST N.C.
1C = SPDT
Contact Rating
5A, 7A, 12A, 15A @ 125VAC & 28VDC
Contact Resistance
< 50 milliohms initial
Contact Material
AgCdO
Maximum Switching Power
420W
Maximum Switching Voltage
380VAC, 110VDC
Maximum Switching Current
15A
COIL DATA
Coil Voltage
VDC
Coil
Resistance
Ω ± 10%
Rated
Max.
.36W
.45W
Pick Up Voltage
VDC (max)
75%
of rated voltage
Release Voltage
VDC (min)
10%
of rated voltage
Coil Power
W
Operate Time
ms
Release Time
ms
3
3.9
25
20
2.25
0.3
6
7.8
100
80
4.50
0.6
9
11.7
225
180
6.75
0.9
12
15.6
400
320
9.00
1.2
24
31.2
1600
1280
18.00
2.4
48
62.4
6400
5120
36.00
4.8
.36
.45
15
5
CAUTION:
1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
GENERAL DATA
Electrical Life @ rated load
Mechanical Life
100K cycles, typical
10M cycles, typical
Insulation Resistance
100M
Ω min @ 500VDC
Dielectric Strength, Coil to Contact
Contact to Contact
1500V rms min. @ sea level
750V rms min. @ sea level
Shock Resistance
100m/s
2 for 11ms
Vibration Resistance
1.50mm double amplitude 10-40Hz
Terminal (Copper Alloy) Strength
10N
Operating Temperature
Storage Temperature
-40
°C to + 85 °C
-40
°C to + 155 °C
Solderability
230
°C ± 2 °C for 10 ± 0.5s
Weight
13g


Similar Part No. - WJ1101BS1212VDC.36

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ111 CIT-WJ111 Datasheet
155Kb / 2P
   CIT SWITCH
WJ1111A100VDC.20 CIT-WJ1111A100VDC.20 Datasheet
155Kb / 2P
   CIT SWITCH
WJ1111A100VDC.20Z CIT-WJ1111A100VDC.20Z Datasheet
155Kb / 2P
   CIT SWITCH
WJ1111A100VDC.25 CIT-WJ1111A100VDC.25 Datasheet
155Kb / 2P
   CIT SWITCH
WJ1111A100VDC.25Z CIT-WJ1111A100VDC.25Z Datasheet
155Kb / 2P
   CIT SWITCH
More results

Similar Description - WJ1101BS1212VDC.36

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
   Switching capacity up to 15A
NVF4-5 DBLECTRO-NVF4-5_05 Datasheet
294Kb / 2P
   Contact load capacity up to 30A
NVF4-6 DBLECTRO-NVF4-6 Datasheet
327Kb / 2P
   Contact load capacity up to 150A
NVF4-5 DBLECTRO-NVF4-5 Datasheet
119Kb / 2P
   Contact load capacity up to 30A
logo
Toshiba Semiconductor
DT01ACA300 TOSHIBA-DT01ACA300 Datasheet
594Kb / 2P
   Up to 3 TB of Data Storage Capacity
logo
CIT Relay & Switch
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
logo
DB Lectro Inc
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
   Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
   Switching capacity up to 25A
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
   Switching capacity up to 20A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
   Switching capacity up to 25A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com