Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B431LAZ Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # B431LAZ
Description  1.24V Adjustable Shunt Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B431LAZ Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  B431LAZ Datasheet HTML 1Page - List of Unclassifed Manufacturers B431LAZ Datasheet HTML 2Page - List of Unclassifed Manufacturers B431LAZ Datasheet HTML 3Page - List of Unclassifed Manufacturers B431LAZ Datasheet HTML 4Page - List of Unclassifed Manufacturers B431LAZ Datasheet HTML 5Page - List of Unclassifed Manufacturers B431LAZ Datasheet HTML 6Page - List of Unclassifed Manufacturers B431LAZ Datasheet HTML 7Page - List of Unclassifed Manufacturers B431LAZ Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Bay Linear, Inc
2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B431L
Electrical Characteristics
Unless specified: T٨ = 25°C. Values in bold apply over full operating ambient temperature.
B431LB 1
%
Parameter
Symbol
Condition
Min
Typ
Max
Units
1.228
1.252
Reference Voltage
VREF
VZ = VREF1 IZ = 10mA
(1)
1.215
1.240
1.265
V
VREF Temp Deviation
VDEV
VZ = VREF1, IZ = 10mA
(1)
IA=full range
10
25
mV
Ratio of Change in
VREF To Change in VZ
Δ VREF
ΔVZ
IZ = 10mA,ΔVZ = 16V to VRef
(2)
-1.0
-2.7
mV/V
Reference Input
Current
IREF
R1 = 10k
Ω, R2 = ∞,
IZ = 10mA
(2)
0.15
0.5
µA
IREF Temperature
Deviation
IREF(DEV)
R1 = 10k
Ω, R2 = ∞,
IZ = 10mA
(2)
0.1
0.4
µA
VREF = 0V, VZ =16V
(3)
0.125
0.150
Off-State Cathode
Current
IZ (OFF)
VREF = 0V, VZ =16V
(3)
0.135
0.150
µA
Min Operating
Current
IZ(MIN)
VZ = VREF
(1)
20
80
µA
Dynamic Impedance
ZKA
VKA=Vref,
IK=100µA to 100mA, f≤1kHA
0.05
0.15
Electrical Characteristics
Unless specified: T٨ = 25°C. Values in bold apply over full operating ambient temperature.
B431LC 2
%
Parameter
Symbol
Condition
Min
Typ
Max
Units
1.215
1.265
Reference Voltage
VREF
VZ = VREF1 IZ = 10mA
(1)
1.200
1.240
1.280
V
VREF Temp Deviation
VDEV
VZ = VREF1, IZ = 10mA
(1)
IA=full range
10
35
mV
Ratio of Change in
VREF To Change in VZ
Δ VREF
ΔVZ
IZ = 10mA,ΔVZ = 16V to VRef
(2)
-1.0
-2.7
mV/V
Reference Input
Current
IREF
R1 = 10k
Ω, R2 = ∞,
IZ = 10mA
(2)
0.15
0.5
µA
IREF Temperature
Deviation
IREF(DEV)
R1 = 10k
Ω, R2 = ∞,
IZ = 10mA
(2)
0.1
0.4
µA
VREF = 0V, VZ =16V
(3)
0.125
0.150
Off-State Cathode
Current
IZ (OFF)
VREF = 0V, VZ =16V
(3)
0.135
0.150
µA
Min Operating
Current
IZ(MIN)
VZ = VREF
(1)
20
80
µA
Dynamic Impedance
ZKA
VKA=Vref,
IK=100µA to 100mA, f≤1kHA
0.05
0.15


Similar Part No. - B431LAZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B431 ETC1-B431 Datasheet
270Kb / 11P
   2.5V Adjustable Shunt Regulator
logo
EPCOS
B4310 EPCOS-B4310 Datasheet
83Kb / 9P
   Low insertion attenuation
B4311 EPCOS-B4311 Datasheet
72Kb / 8P
   Low-loss RF filter for mobile telephone
B4313 EPCOS-B4313 Datasheet
76Kb / 8P
   Low insertion attenuation
B4314 EPCOS-B4314 Datasheet
85Kb / 8P
   Usable passband 25.0 MHz
More results

Similar Description - B431LAZ

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX432 SIPEX-SPX432_04 Datasheet
144Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432M-L SIPEX-SPX432M-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX1432 SIPEX-SPX1432 Datasheet
99Kb / 7P
   1.24V Precision Adjustable Shunt Regulator
SPX432 SIPEX-SPX432 Datasheet
166Kb / 9P
   Ultra 1.24V Precision Adjustable Shunt Regulator
SPX432L SIPEX-SPX432L Datasheet
166Kb / 9P
   Ultra 1.24V Precision Adjustable Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L431L ETC2-L431L Datasheet
562Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_10 Datasheet
755Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com