Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62420 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M62420
Description  SOUND CONTROLLER FOR TV
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62420 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M62420 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62420 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62420 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62420 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62420 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62420 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62420 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62420 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M62420 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MITSUBISHI SOUND PROCESSOR
M62420SP/FP
SOUND CONTROLLER FOR TV
PRELIMINARY
Notice
; This
is not
a final
specification.
some
parametric
limits
are
subject
to change.
ELECTRIC
MITSUBISHI
(
/
)
16
( Ta=25°C, AVDD=9V,DVDD=5V and tone,bassboost=0dB
unless otherwise noted )
6
ELECTRIC CHARACTERISTICS
( 1 ) SUPPLY VOLTAGE
( 2 ) I / O CHARACTERISTICS
Min
typ
Max
Icc
10
mA
Idd
0
µA
•AVdd=9.0V
•DVdd= 5V
•no signal input
•mesure terminal=20 pin
20
2
Analog supply current
Digital supply current
SYMBOL
CONDITION
UNIT
ITEM
•mesure terminal=12 pin
•no signal input
LIMIT
Min
typ
Max
Maximum input voltage
3.2
Vrms
2.0
VIM
RL=10K
Ω, THD=1%,f=1kHz
Output voltage
Vodc
Gain
Output noise voltage
Total harmonic distortion
THD
Vono
Gv
Channel separation
CT
7pin,14pin,
no signal
Vin=0dBm,FLAT,f=1kHz
2- 7PIN 19-14PIN gain
4.5
0
dB
V
%
dB
4.5
0.1
0.05
-100
RL=10K
Vo=0.5Vrms , RL=10K
7pin,14pin
f=1kHz
30
4.65
4.35
2
-2
2,19pin input7,14pin output
JIS-A filter
no signal
Rg=10K
7,14pin
S:Vin=1Vrms,f=1kHz
M:Rg=10k
Ω,JIS-A filter
µ Vrms
SYMBOL
CONDITION
ITEM
LIMIT
UNIT
ATT=-6dB
LPF=30kHz
-70


Similar Part No. - M62420

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62420AFP RENESAS-M62420AFP Datasheet
183Kb / 17P
   2ch Electronic Volume with Tone by I2C Bus System
M62420FP RENESAS-M62420FP Datasheet
183Kb / 17P
   2ch Electronic Volume with Tone by I2C Bus System
M62420SP RENESAS-M62420SP Datasheet
183Kb / 17P
   2ch Electronic Volume with Tone by I2C Bus System
More results

Similar Description - M62420

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62434FP MITSUBISHI-M62434FP Datasheet
65Kb / 13P
   SOUND CONTROLLER FOR TV
M62494SP MITSUBISHI-M62494SP Datasheet
77Kb / 7P
   SOUND CONTROLLER FOR TV
logo
Rohm
BD3886FS ROHM-BD3886FS Datasheet
198Kb / 6P
   Audio sound processor for TV
BD3869AF ROHM-BD3869AF Datasheet
276Kb / 6P
   Audio sound processor for TV
BD3884FS ROHM-BD3884FS Datasheet
184Kb / 6P
   Audio sound processor for TV
BD3888FS ROHM-BD3888FS Datasheet
262Kb / 5P
   Audio sound processor for TV
logo
NXP Semiconductors
TBA120U PHILIPS-TBA120U Datasheet
93Kb / 9P
   Sound I.F. amplifier/demodulator for TV
March 1986
logo
Sony Corporation
CXA2022S SONY-CXA2022S Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
   TV-SOUND PROCESSOR
logo
List of Unclassifed Man...
ECG704 ETC1-ECG704 Datasheet
281Kb / 7P
   TV SOUND IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com