Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B431LBZ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B431LBZ
Description  1.24V Adjustable Shunt Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B431LBZ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B431LBZ Datasheet HTML 1Page - List of Unclassifed Manufacturers B431LBZ Datasheet HTML 2Page - List of Unclassifed Manufacturers B431LBZ Datasheet HTML 3Page - List of Unclassifed Manufacturers B431LBZ Datasheet HTML 4Page - List of Unclassifed Manufacturers B431LBZ Datasheet HTML 5Page - List of Unclassifed Manufacturers B431LBZ Datasheet HTML 6Page - List of Unclassifed Manufacturers B431LBZ Datasheet HTML 7Page - List of Unclassifed Manufacturers B431LBZ Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Bay Linear, Inc
2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
1.24V Adjustable Shunt Regulator
B431L
Pin Connection
Ordering Information
Package
Tolerance
0.5%
1%
2%
TO-92
B431LAZ
B431LBZ
B431LCZ
SO-8
B431LAM
B431LBM
B431LCM
SOT-23
B431LAK3 B431LBK3 B431LCK3
Description
The B431L is a three terminal adjustable shunt regulator with
thermal stability of 50ppm/
°C. The output voltage can be
adjusted to any value from 1.24V (VREF) to 16V with two
external resistors. These devices have a typical output
impedance of 0.05
Ω. Active output circuitry provides a very
sharp turn-on characteristics and making the device excellent
replacement for zener diodes in many applications. The B431L
is an ideal voltage reference in an isolated feedback circuit for
3.0V switch mode power supplies
The B431L shunt regulator is available with three voltage
tolerances (0.5%, 1.0% and 2.0%) and three package options
(SOT-23-3, TO-92, 8SOIC). This allows the designer the
opportunity to select the optimum combination of cost and
performance for their application.
Features
Low voltage operation (down to 1.24V)
Wide operating current……80µA to 100mA
Trimmed bandgap design………….. ± 0.5%
Low Dynamic Output Impedance…....0.05
Wide temperature range…... -40
°°°°C to +85°°°°C
Available in ….….SOT-23-3, TO-92 , 8SOIC
Pin-to-Pin Replacement …………….SC431L
Applications
Switching Power Supplies
Adjustable Power Supplies
Linear Regulators
Battery Powered Equipment
Monitors, TV, VCR
Instrumentation
SOT-23-3 (K3)
Top View
BAY
Cathode
Anode
Ref
Bottom View
TO-92 (Z)
13
2
Ref
Anode
Cathode
SOT-23-3 (K3)
Top View
BAY
Cathode
Anode
Ref
Bottom View
TO-92 (Z)
13
2
Ref
Anode
Cathode
Bay Linear
Bay Linear
Bay Linear
Bay Linear
Inspire the Linear Power
Inspire the Linear Power
Inspire the Linear Power
Inspire the Linear Power


Similar Part No. - B431LBZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B431 ETC1-B431 Datasheet
270Kb / 11P
   2.5V Adjustable Shunt Regulator
logo
EPCOS
B4310 EPCOS-B4310 Datasheet
83Kb / 9P
   Low insertion attenuation
B4311 EPCOS-B4311 Datasheet
72Kb / 8P
   Low-loss RF filter for mobile telephone
B4313 EPCOS-B4313 Datasheet
76Kb / 8P
   Low insertion attenuation
B4314 EPCOS-B4314 Datasheet
85Kb / 8P
   Usable passband 25.0 MHz
More results

Similar Description - B431LBZ

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX432 SIPEX-SPX432_04 Datasheet
144Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432M-L SIPEX-SPX432M-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX1432 SIPEX-SPX1432 Datasheet
99Kb / 7P
   1.24V Precision Adjustable Shunt Regulator
SPX432 SIPEX-SPX432 Datasheet
166Kb / 9P
   Ultra 1.24V Precision Adjustable Shunt Regulator
SPX432L SIPEX-SPX432L Datasheet
166Kb / 9P
   Ultra 1.24V Precision Adjustable Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L431L ETC2-L431L Datasheet
562Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_10 Datasheet
755Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com