Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW0201100RJ200RT7 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CRCW0201100RJ200RT7
Description  Thick Film Rectangular, Chip Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW0201100RJ200RT7 Datasheet(HTML) 1 Page - Vishay Siliconix

  CRCW0201100RJ200RT7 Datasheet HTML 1Page - Vishay Siliconix CRCW0201100RJ200RT7 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For technical questions in Europe contact : ff1bresistors@vishay.com
For technical questions in Americas/Asia contact : ff2aresistors@vishay.com
www.vishay.com
34
CRCW0201
Vishay
Document Number 31050
Revision 21-Jan-02
Thick Film Rectangular, Chip Resistor
• Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material
• Ask about extended value ranges.
• Marking: no marking
FEATURES
• Metal glaze on high quality ceramic
• Protective overglaze
• SnPb contacts on Ni barrier layer flow solderable
• Automatic placement compatibility
• Applications: cellular phones, memory modules, PCMCIA
cards
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
POWER RATING
LIMITING ELEMENT
TEMPERATURE TOLERANCE
RESISTANCE
E-SERIES
P70°C
VOLTAGE MAX
COEFFICIENT
RANGE
INCH
W
V
ppm/
°C%
CRCW0201
0201
0.05
30
≤ 200
5
10R – 1M0
24
ORDERING INFORMATION
CRCW0201
100R
J
200
P0
MODEL
RESISTANCE VALUE
TOLERANCE
TC
PACKAGING
J =
± 5%
ppm/
°C
Papertape 10,000 pieces
P0 = in Europe
RT7 = in Americas/Asia
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CRCW0201
Rated Dissipation at 70
°C
W
0.05
Limiting Element Voltage 1)
V
30
Insulation Voltage (1min)
Vp
50
Insulation Resistance
> 10 9
Category Temperature Range
°C
- 55 / + 125
Failure Rate
h-1
1*10-9
Weight / 1000 pieces
g
0.17
1)Rated voltage:
P x R


Similar Part No. - CRCW0201100RJ200RT7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0201100RFKED VISHAY-CRCW0201100RFKED Datasheet
110Kb / 6P
   Lead (Pb)-free Commodity Thick Film Chip Resistors
Revision: 06-Jun-12
More results

Similar Description - CRCW0201100RJ200RT7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCC1206 VISHAY-CRCC1206 Datasheet
224Kb / 3P
   Thick Film, Rectangular, Resistor/Capacitor Chip
Revision: 12-Jan-07
CRCW0402-P VISHAY-CRCW0402-P Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW08054M99FKEA VISHAY-CRCW08054M99FKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW0402143RFKED VISHAY-CRCW0402143RFKED Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW0603270KFKEA VISHAY-CRCW0603270KFKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW1206316RFKEA VISHAY-CRCW1206316RFKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW06031K18FKEA VISHAY-CRCW06031K18FKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW12061M58FKEA VISHAY-CRCW12061M58FKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW1206681KFKEA VISHAY-CRCW1206681KFKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW06038K87FKEA VISHAY-CRCW06038K87FKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com