Selected language     English  ▼


F-51167NCU-FW-AA Datasheet(PDF) 8 Page - OPTREX CORPORATION

Part No. F-51167NCU-FW-AA
Description  LCD Module Specification
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPTREX [OPTREX CORPORATION]
Homepage  http://www.kyocera-display.eu
Logo 

 8 page
background image
F-51167NCU-FW-AA
(AA)
No.2000-0249
OPTREX CORPORATION
Page 8/17
OPTREX
3.Optical Specif ications
3.1.Optical Characteristics
Ta=25℃, 1/240 Duty,1/16.2 Bias, VOD=26.6V, θ= 0 ゚, φ=-゚
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Contrast Ratio
Note 1
CR
θ= 0 ゚, φ=-゚
40
Chromaticity (white)
x
0.324
y
0.361
Viewing Angle
Shown in 3.3
Response
Rise
Note 2
TON
400
600
ms
Time
Decay Note 3
TOFF
150
230
ms
Note 1 : Contrast ratio is definded as follows.
CR = LON / LOFF
LON : Luminance of the ON segments
LOFF : Luminance of the OFF segments
Note 2 : The time that the luminance level reaches 90% of the saturation level from 0% when ON
signal is applied.
Note 3 : The time that the luminance level reaches 10% of the saturation level from 100% when OFF
signal is applied.
Note 4 : Definition of Driving Voltage VOD
Assuming that the typical driving waveforms shown below are applied to the LCD Panel at
1/A Duty - 1/B Bias ( A : Duty Number, B : Bias Number ). Driving voltage VD is definded
as the voltage VO-P when the contrast ratio (CR=LON / LOFF) is at its maximum.
VO-P
1 /
fF
( B-2 )×VO-P / B
1 / (
fF×A )
〈OFF SIGNAL〉
〈ON SIGNAL〉




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DMC16230NY-LYLCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
DMF-50174LCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
T-51382D064-FW-P-ABLCD Module Technical Specification 1 2 3 4 5 MoreOPTREX CORPORATION
TM161FBCW6SPECIFICATION FOR LCD MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
DMC50448LCD Module Specification 1 2 3 4 5 MoreOPTEK Technologies
DM16207HLCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
DMF682ANY-EBLCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
DMC16105LCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
TM161FBCW7SPECIFICATION FOR LCD MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM057QCTT03DEVICE SPECIFICATION for Passive Matrix LCD Module 1 2 3 4 5 MoreSharp Electrionic Components

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl