Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F-51167NCU-FW-AA Datasheet(PDF) 14 Page - OPTREX CORPORATION

Part # F-51167NCU-FW-AA
Description  LCD Module Specification
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

F-51167NCU-FW-AA Datasheet(HTML) 14 Page - OPTREX CORPORATION

Back Button F-51167NCU-FW-AA Datasheet HTML 9Page - OPTREX CORPORATION F-51167NCU-FW-AA Datasheet HTML 10Page - OPTREX CORPORATION F-51167NCU-FW-AA Datasheet HTML 11Page - OPTREX CORPORATION F-51167NCU-FW-AA Datasheet HTML 12Page - OPTREX CORPORATION F-51167NCU-FW-AA Datasheet HTML 13Page - OPTREX CORPORATION F-51167NCU-FW-AA Datasheet HTML 14Page - OPTREX CORPORATION F-51167NCU-FW-AA Datasheet HTML 15Page - OPTREX CORPORATION F-51167NCU-FW-AA Datasheet HTML 16Page - OPTREX CORPORATION F-51167NCU-FW-AA Datasheet HTML 17Page - OPTREX CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
F-51167NCU-FW-AA
(AA)
No.2000-0249
OPTREX CORPORATION
Page 14/17
OPTREX
6.3.Standards
No.
Parameter
Criteria
1
Black and
(1) Round Shape
White Spots,
Zone
Acceptable Number
Foreign Substances
Dimension (mm)
A
B
C
D ≦0.1
*
*
*
0.1 < D ≦0.2
3
5
*
0.2 < D ≦0.25
2
3
*
0.25< D ≦0.3
0
1
*
0.3 < D
0
0
*
D = ( Long + Short ) / 2
* : Disregard
(2) Line Shape
Zone
Acceptable Number
X (mm)
Y (mm)
A
B
C
0.03≧W
*
*
*
2.0≧L
0.05≧W
3
3
*
1.0≧L
0.1 ≧W
3
3
*
0.1 <W
In the same way (1)
X : Length
Y : Width
* : Disregard
Total defects shall not exceed 5.
2
Air Bubbles
(between glass
Zone
Acceptable Number
& polarizer)
Dimension (mm)
A
B
C
D ≦ 0.3
*
*
*
0.3 < D ≦ 0.4
3
*
*
0.4 < D ≦ 0.6
2
3
*
0.6 < D
0
0
*
* : Disregard
Total defects shall not exceed 3.
3
The Shape of Dot
However, each pixel shall remain more than one-third of the original
pixel size.
4
Polarizer Scratches
Not to be conspicuous defects.
5
Polarizer Dirts
If the stains are removed easily from LCDP surface, the module is not
defective.
6
Complex Foreign
Black spots, line shaped foreign substances or air bubbles between
Substance Defects
glass & polarizer should be 5pcs maximum in total.
7
Distance between
D≦0.2 : 20mm or more
Different Foreign
0.2<D : 40mm or more
Substance Defects


Similar Part No. - F-51167NCU-FW-AA

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results

Similar Description - F-51167NCU-FW-AA

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
   LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
   LCD Module Specification
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
   LCD Module Specification
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
   LCD Module Specification
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
   LCD Module Specification
logo
OPTREX CORPORATION
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
   LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
   LCD MODULE SPECIFICATION
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
   LCD MODULE SPECIFICATION
GM123210SFSYB-01 ETC-GM123210SFSYB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM126414FRNNB-01 ETC-GM126414FRNNB-01 Datasheet
837Kb / 23P
   LCD MODULE SPECIFICATION
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com