Selected language     English  ▼


F-51167NCU-FW-AA Datasheet(PDF) 3 Page - OPTREX CORPORATION

Part No. F-51167NCU-FW-AA
Description  LCD Module Specification
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPTREX [OPTREX CORPORATION]
Homepage  http://www.kyocera-display.eu
Logo 

 
 3 page
background image
F-51167NCU-FW-AA
(AA)
No.2000-0249
OPTREX CORPORATION
Page 3/17
OPTREX
2.Electrical Specif ications
2.1.Absolute Maximum Ratings
VSS=0V
Parameter
Symbol
Conditions
Min.
Max.
Units
Supply Voltage
(Logic)
VCC1-VSS
-0.3
7.0
V
Supply Voltage
(LCD Drive)
VCC2-VSS
0
6.0
V
Input Voltage
VI
-0.3
VCC1+0.3
V
VADJ
Input Voltage
VADJ-VSS
0
3.0
V
2.2.DC Characteristics
Ta=25℃, VSS=0V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Supply Voltage
(Logic)
VCC1-VSS
3.0
5.5
V
Supply Voltage
(LCD Drive)
VCC2-VSS
3.0
5.5
V
Voltage for Contrast
Adjustment (Note1)
VADJ-VSS
0.8
2.7
V
High Level
Input Voltage
VIH
VCC1=3.0~5.5V
0.8× VCC1
VCC1
V
Low Level
Input Voltage
VIL
VCC1=3.0~5.5V
0
0.2× VCC1
V
Supply Current
IVCC1
VCC1-VSS=5.0V
20.0
40.0
mA
(Note2)
IVCC2
VCC2-VSS=5.0V
40.0
60.0
mA
Clock Frequency
fCP
VCC1=3.0~5.5V
Duty=50%
30
MHz
Note1:The relation between Voltage for Contrast Adjustment and LCD Contrast is shown as follows;
0.8V(Bright)~2.7V(dark)
Note2:Supply current which checker pattern displayed.
GB
R
fF=70Hz
VOD=26.6
GB
RG B
RG B
R




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DMC16230NY-LYLCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
DMF-50174LCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
T-51382D064-FW-P-ABLCD Module Technical Specification 1 2 3 4 5 MoreOPTREX CORPORATION
TM161FBCW6SPECIFICATION FOR LCD MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
DMC50448LCD Module Specification 1 2 3 4 5 MoreOPTEK Technologies
DM16207HLCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
DMF682ANY-EBLCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
DMC16105LCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
TM161FBCW7SPECIFICATION FOR LCD MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM057QCTT03DEVICE SPECIFICATION for Passive Matrix LCD Module 1 2 3 4 5 MoreSharp Electrionic Components

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl