Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F49L040A Datasheet(PDF) 7 Page - Elite Semiconductor Memory Technology Inc.

Part # F49L040A
Description  4 Mbit (512K x 8) 3V Only CMOS Flash Memory
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F49L040A Datasheet(HTML) 7 Page - Elite Semiconductor Memory Technology Inc.

Back Button F49L040A Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F49L040A Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F49L040A Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F49L040A Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F49L040A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F49L040A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F49L040A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F49L040A Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. F49L040A Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
EFST
F49L040A
Elite Flash Storage Technology Inc.
Publication Date : Apr. 2005
Revision: 1.0
7/41
Figure 16 shows the algorithms and Figure 15 shows
the timing diagram. This method uses standard
microprocessor bus cycle timing. For sector unprotect,
all unprotected sectors must first be protected prior to
the first sector unprotect write cycle.
Auto-select Mode
The auto-select mode provides manufacturer and
device identification and sector protection verification,
through outputs on DQ7–DQ0. This mode is primarily
intended for programming equipment to automatically
match a device to be programmed with its
corresponding programming algorithm. However, the
auto-select codes can also be accessed in-system
through the command register.
When using programming equipment, this mode
requires VID (11.5 V to 12.5 V) on address pin A9.
While address pins A3, A2, A1, and A0 must be as
shown in Table 3.
To verify sector protection, all necessary pins have to
be set as required in Table 3, the programming
equipment may then read the corresponding identifier
code on DQ7-DQ0.
To access the auto-select codes in-system, the host
system can issue the auto-select command via the
command register, as shown in Table 4. This method
does not require VID. See “ Software Command
Definitions” for details on using the auto-select mode.
7.2 Software Command Definitions
Writing specific address and data commands or
sequences into the command register initiates the
device operations. Table 4 defines the valid register
command sequences. Writing incorrect address and
data values or writing them in the improper sequence
resets the device to reading array data.
All addresses are latched on the falling edge of WE
or CE, whichever happens later. All data is latched on
the rising edge of WE or CE , whichever happens
first. Refer to the corresponding timing diagrams in
the AC Characteristics section.
Table 4. F49L040A Software Command Definitions
1st Bus
Cycle
2nd Bus
Cycle
3rd Bus
Cycle
4th Bus
Cycle
5th Bus
Cycle
6th Bus
Cycle
Command
Bus
Cycles
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Reset (5)
1
XXXH F0H
-
-
-
-
-
-
-
-
-
-
Read (4)
1
RA
RD
-
-
-
-
-
-
-
-
-
-
Program
4
555H
AAH 2AAH
55H
555H
A0H
PA
PD
Chip Erase
6
555H
AAH 2AAH
55H
555H
80H
555H
AAH 2AAH
55H
555H
10H
Sector Erase
6
555H
AAH 2AAH
55H
555H
80H
555H
AAH 2AAH
55H
SA
30H
Sector Erase
Suspend (6)
1
XXXH B0H
-
-
-
-
-
-
-
-
-
-
Sector Erase Resume
(7)
1
XXXH 30H
-
-
-
-
-
-
-
-
-
-
Auto-select
See Table 5.
Notes:
1. X = don’t care
RA = Address of memory location to be read.
RD = Data to be read at location RA.
PA = Address of memory location to be programmed.
PD = Data to be programmed at location PA.
SA = Address of the sector.
2. Except Read command and Auto-select command, all command bus cycles are write operations.
3. Address bits A18–A16 are don’t cares.
4. No command cycles required when reading array data.
5. The system may read and program in non-erasing sectors, or enter the auto-select mode, when in the Erase
Suspend mode. The Erase Suspend command is valid only during a sector erase operation.
6. The Erase Resume command is valid only during the Erase Suspend mode.


Similar Part No. - F49L040A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L004BA ESMT-F49L004BA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L004BA-70N ESMT-F49L004BA-70N Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L004BA-70T ESMT-F49L004BA-70T Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L004BA-90N ESMT-F49L004BA-90N Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L004BA-90T ESMT-F49L004BA-90T Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
More results

Similar Description - F49L040A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L004UA ESMT-F49L004UA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA_08 Datasheet
464Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA_1 Datasheet
473Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA Datasheet
416Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
logo
Macronix International
MX29LV004T MCNIX-MX29LV004T Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004CT MCNIX-MX29LV004CT Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com